전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSD835G2 데이터시트(PDF) 50 Page - STMicroelectronics

부품명 PSD835G2
상세설명  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 데이터시트(HTML) 50 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 46Page - STMicroelectronics PSD835G2 Datasheet HTML 47Page - STMicroelectronics PSD835G2 Datasheet HTML 48Page - STMicroelectronics PSD835G2 Datasheet HTML 49Page - STMicroelectronics PSD835G2 Datasheet HTML 50Page - STMicroelectronics PSD835G2 Datasheet HTML 51Page - STMicroelectronics PSD835G2 Datasheet HTML 52Page - STMicroelectronics PSD835G2 Datasheet HTML 53Page - STMicroelectronics PSD835G2 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 110 page
background image
PSD835G2
PSD8XX Family
49
GND
8
RESET
RESET
30
49
50
70
VCC
929
69
VCC
VCC
VCC
GND GND GND GND
AD[15:8]
AD[15:8]
A[7:0]
A[7:0]
**
3
4
5
6
7
10
11
12
13
14
15
16
17
18
19
20
59
40
79
80
1
2
39
71
72
73
74
75
76
77
78
A0
A1
A2
A3
A4
A5
A6
A7
AD8
AD9
AD10
AD11
AD12
AD13
AD14
AD15
ADIO0
ADIO1
ADIO2
ADIO3
ADIO4
ADIO5
ADIO6
ADIO7
PF0
PF1
PF2
PF3
PF4
PF5
PF6
PF7
PG0
PG1
PG2
PG3
PG4
PG5
PG6
PG7
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
31
32
33
34
35
36
37
38
21
22
23
24
25
26
27
28
51
52
53
54
55
56
57
58
61
62
63
64
65
66
67
68
41
42
43
44
45
46
47
48
ADIO8
ADI09
ADIO10
ADIO11
ADIO12
ADIO13
ADIO14
ADIO15
CNTL0 (WR)
CNTL1 (RD)
CNTL2 (PSEN)
PD0 (ALE)
PD1 (CLKIN)
PD2 (CSI)
PD3
RESET
PE0 (TMS)
PE1 (TCK/ST)
PE2 (TDI)
PE3 (TDO)
PE4 (TSTAT/RDY)
PE5 (TERR)
PE6 (VSTBY)
PE7 (VBATON)
RESET
RESET
WR
RD
ALE
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
WR
RD/A16
PSEN
ALE
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
X1
X2
P3.0/RXD
P3.1/TXD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
RESET
EA
2
3
4
5
6
7
8
9
21
20
11
13
14
15
16
17
10
35
43
42
41
40
39
38
37
36
24
25
26
27
28
29
30
31
18
32
33
CRYSTAL
80C251SB
PSD835G2
60
19
PSEN
Figure 21. Interfacing the PSD835G2 to the 80C251, with Read and PSEN Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More