전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSH340ILT 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 TSH340ILT
상세설명  320MHz Single Supply Video Buffer with Low In/Out Rail
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH340ILT 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button TSH340ILT Datasheet HTML 4Page - STMicroelectronics TSH340ILT Datasheet HTML 5Page - STMicroelectronics TSH340ILT Datasheet HTML 6Page - STMicroelectronics TSH340ILT Datasheet HTML 7Page - STMicroelectronics TSH340ILT Datasheet HTML 8Page - STMicroelectronics TSH340ILT Datasheet HTML 9Page - STMicroelectronics TSH340ILT Datasheet HTML 10Page - STMicroelectronics TSH340ILT Datasheet HTML 11Page - STMicroelectronics TSH340ILT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TSH340
Evaluation Boards
8/13
3 Evaluation Boards
An evaluation board kit optimized for high-speed operational amplifiers is available (order code:
KITHSEVAL/STDL). The kit includes the following evaluation boards, as well as a CD-ROM containing
datasheets, articles, application notes and a user manual:
SOT23_SINGLE_HF BOARD: Board for the evaluation of a single high-speed op-amp in SOT23-5
package.
SO8_SINGLE_HF: Board for the evaluation of a single high-speed op-amp in SO8 package.
SO8_DUAL_HF: Board for the evaluation of a dual high-speed op-amp in SO8 package.
SO8_S_MULTI: Board for the evaluation of a single high-speed op-amp in SO8 package in inverting
and non-inverting configuration, dual and signle supply.
SO14_TRIPLE: Board for the evaluation of a triple high-speed op-amp in SO14 package with video
application considerations.
Board material:
2 layers
FR4 (
εr=4.6)
epoxy 1.6mm
copper thickness: 35µm
Figure 22: Evaluation kit for high speed op-amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13