전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HP-665M 데이터시트(PDF) 1 Page - Pro-Signal

부품명 HP-665M
상세설명  Educational Headphones Microphone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROSIGNAL [Pro-Signal]
홈페이지  
Logo PROSIGNAL - Pro-Signal

HP-665M 데이터시트(HTML) 1 Page - Pro-Signal

  HP-665M Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Educational Headphones + Microphone
A strong and durable headset with an adjustable,
padded headband, ear cushions, boom micro-
phone and a 1.2m lead with 2 x 6.35mm (1/4")
mono jack plugs for seperate headphone and
microphone connections.
Driver
Impedance
Impedance
Frequency
Unit
Headphones
Microphone
Response
Ø40mm Mylar
64Ω
200Ω
20Hz to 20kHz
246195
Price Each
Order Code
425-6402


유사한 부품 번호 - HP-665M

제조업체부품명데이터시트상세설명
logo
Multicomp Pro
HP-10-0 MULTICOMP-HP-10-0 Datasheet
246Kb / 1P
HP Series Hole Plugs
23/06/22 V1.0
logo
3M Electronics
HP-100 3M-HP-100 Datasheet
281Kb / 5P
3M??Petroleum Sorbents
logo
Multicomp Pro
HP-13 MULTICOMP-HP-13 Datasheet
246Kb / 1P
HP Series Hole Plugs
23/06/22 V1.0
logo
3M Electronics
HP-156 3M-HP-156 Datasheet
281Kb / 5P
3M??Petroleum Sorbents
HP-157 3M-HP-157 Datasheet
281Kb / 5P
3M??Petroleum Sorbents
More results

유사한 설명 - HP-665M

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851 Datasheet
1Mb / 71P
Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
Rev 1; 8/06
logo
rfsolutions.ltd
SA2 RFSOLUTIONS-SA2 Datasheet
676Kb / 2P
Stereo headphones amplifier
logo
Laird Tech Smart Techno...
S5153WBPX LSTD-S5153WBPX Datasheet
385Kb / 1P
Educational or industrial campuses
S2401240P12NF LSTD-S2401240P12NF Datasheet
246Kb / 1P
Industrial and educational campuses
SR51120D12SMF LSTD-SR51120D12SMF Datasheet
267Kb / 1P
Educational and industrial campuses
logo
Good Will Instrument Co...
GDS-1000A-U GWINSTEK-GDS-1000A-U Datasheet
3Mb / 2P
Laboratories and Educational Facilities
GDS-1000B GWINSTEK-GDS-1000B Datasheet
2Mb / 2P
Educational Market - General Purpose Instruction
logo
M-System Co.,Ltd.
MSPKITA MSYSTEM-MSPKITA Datasheet
318Kb / 3P
Educational Series 1/1000 RESOLUTION DEMO KIT
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
logo
Schneider Electric
VJDEDUSTU855 SCHNEIDER-VJDEDUSTU855 Datasheet
90Kb / 2P
Vijeo Designer - configuration software - Educational Kit - V6.0
Jan 20, 2021
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com