| 전자부품 데이터시트 검색엔진 |
|
8130. 데이터시트(PDF) 1 Page - Bahco |
|
|
|||||||||||||||||||||||||||||
8130. 데이터시트(HTML) 1 Page - Bahco |
|
|
1 / 1 page ![]() These cutters are made from high performance ball bearing steel, black oxidised. Numerically controlled machine grinding guarantees edge angle accuracy and contact which increases the tools reliability and consistency. Precision induction hardened edges, 63-65 HRC. Handles in synthetic material and come with return spring. The cutting capacity that is given is for copper wire! These Oval Head cutters are ideal for wire harness work and standard printed circuit board assembly. Type "J" edges for stripping and cutting insulated copper wire. "CO" standard handle shape in conductive material. "DS" slip-on handle in dissipative material. 80-Series Diagonal cutters Oval head, 8130-8162 A mm B mm C mm D mm F mm 8130 0050918 10 108.0 8.0 8.0 5 0.8 0.2-1.0 Micro 43 8130 DS 0051847 10 108.0 8.0 8.0 5 0.8 0.2-1.0 Micro 43 8131 0050925 10 108.0 8.0 8.0 5 0.8 0.1-1.0 Flush 43 8131 CO 0051519 10 108.0 8.0 8.0 5 0.8 0.1-1.0 Flush 43 8132 0050932 10 108.0 8.0 8.0 5 0.8 0.1-0.8 Ultra 44 8140 0050949 10 110.0 10.0 10.0 6 0.8 0.2-1.25 Micro 46 8140 CO 0051533 10 110.0 10.0 10.0 6 0.8 0.2-1.25 Micro 46 8140 DS 0051878 10 110.0 10.0 10.0 6 0.8 0.2-1.25 Micro 46 8141 0050987 10 110.0 10.0 10.0 6 0.8 0.1-1.25 Flush 45 8141 CO 0051557 10 110.0 10.0 10.0 6 0.8 0.1-1.25 Flush 45 8141 DS 0051885 10 110.0 10.0 10.0 6 0.8 0.1-1.25 Flush 45 8142 0051007 10 110.0 10.0 10.0 6 0.8 0.1-1.0 Ultra 46 8142 CO 0051564 10 110.0 10.0 10.0 6 0.8 0.1-1.0 Ultra 46 8142 DS 0051892 10 110.0 10.0 10.0 6 0.8 0.1-1.0 Ultra 46 8150 0051113 10 112.5 12.5 12.5 6 1.2 0.3-1.6 Micro 50 8150 CO 0051670 10 112.5 12.5 12.5 6 1.2 0.3-1.6 Micro 50 8150 DS 0051977 10 112.5 12.5 12.5 6 1.2 0.3-1.6 Micro 50 8150 J 0051137 10 112.5 12.5 12.5 6 1.2 Max 0.5 Micro 50 8151 0051199 10 112.5 12.5 12.5 6 1.2 0.2-1.6 Flush 49 8151 CO 0051694 10 112.5 12.5 12.5 6 1.2 0.2-1.6 Flush 49 8151 DS 0051984 10 112.5 12.5 12.5 6 1.2 0.2-1.6 Flush 49 8152 0052097 10 112.5 12.5 12.5 6 1.2 0.1-1.25 Ultra 49 8152 CO 0052226 10 112.5 12.5 12.5 6 1.2 0.1-1.25 Ultra 49 8152 DS 0052318 10 112.5 12.5 12.5 6 1.2 0.1-1.25 Ultra 49 8160 0051229 10 125.0 16.0 16.0 8 1.6 0.4-2.0 Micro 88 8160 CO 0051724 10 125.0 16.0 16.0 8 1.6 0.4-2.0 Micro 88 8160 DS 0052011 10 125.0 16.0 16.0 8 1.6 0.4-2.0 Micro 88 8160 J 0051250 10 125.0 16.0 16.0 8 1.6 Max 0.5 Micro 87 8161 0051328 10 125.0 16.0 16.0 8 1.6 0.3-2.0 Flush 88 8161 CO 0051748 10 125.0 16.0 16.0 8 1.6 0.3-2.0 Flush 88 8161 DS 0052028 10 125.0 16.0 16.0 8 1.6 0.3-2.0 Flush 88 8162 0051335 10 125.0 16.0 16.0 8 1.6 0.3-1.6 Ultra 88 Bahco Group - Product Card 25/09/2003 http://extranet.bahco.com/catalogue/ProdCard.asp?showOnlyOne=true&this_might_p... |
유사한 부품 번호 - 8130. |
|
유사한 설명 - 8130. |