| 전자부품 데이터시트 검색엔진 |
|
E32-R16 데이터시트(PDF) 23 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 데이터시트(HTML) 23 Page - Omron Electronics LLC |
|
23 / 38 page ![]() E3X-NH E3X-NH 23 Fiber Units Through-beam (Sold in Pairs) Indicates models that allow free cutting. Models without this mark do not allow free cutting. E32-T11L E32-T12L E32-T21L E32-T22L E32-TC200 E32-TC200B E32-TC200B4 E32-T22 E32-TC200E E32-TC200F E32-TC200F4 E32-TC200A Note: The value in the parentheses is for the E32-TC200B4. E32-T11R Two toothed washers Two hexagon clamping nuts Sensing head M4 (nickel-plated brass) Optical fiber, 2.2 dia. 151-0.075 dia. Two toothed washers (for M4) Two hexagon clamping nuts (T = 2.4) Sensing head (nickel-plated brass) M4 x 0.7 1.4 dia. Optical fiber, 2.2 dia. 1.4 dia. 2.4 dia.Sensing head (nickel-plated brass) 3 dia. Optical fiber, 2.2 dia. Two toothed washers 0.9 dia. Sensing head M3 x 0.5 (nickel-plated brass) Fiber attachment (E39-F9) Two hexagon clamping nuts Optical fiber, 1 dia. 0.9 dia. 1.8 dia. Sensing head, 2 dia. (stainless) Heat-shrinkable tubing Optical fiber, 1 dia. Fiber attachment (E39-F9) Two toothed washers Two hexagon clamping nuts Sensing head M4 x 0.7 (nickel-plated brass) Optical fiber, 2.2 dia. 1.0 dia. 1.0 dia. Stainless tube (SUS304) 1.2 dia max. Two hexagon clamping nuts Two toothed washers Sensing head M4 x 0.7 (nickel-plated brass) Optical fiber, 2.2 dia. (see note) 2 dia. Fiber attachment (E39-F9) 0.5 dia. Sensing head SUS303 1.4 dia. Heat-shrinking tubing Optical fiber, 1 dia. 0.5 dia. Optical fiber, 1 dia. Sensing head M3 x 0.5 (nickel-plated brass) Fiber attachment (E39-F9) Two toothed washers Two hexagon clamping nuts Note: The value in the parentheses is for the E32-TC200F4. 0.5 dia. 0.9 dia. min. Stainless tube (SUS304) Optical fiber, 1 dia. Sensing head M3 x 0.5 (nickel-plated brass) Two toothed washers Two hexagon clamping nuts Fiber attachment (E39-F9) (see note) 1.0 dia. 2.6 dia. Two toothed washers Two hexagon clamping nuts Sensing head M3 x 0.5 (nickel-plated brass) Optical fiber, 2.2 dia. 3 dia. |