| 전자부품 데이터시트 검색엔진 |
|
FZ-SP/SPC 데이터시트(PDF) 39 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FZ-SP/SPC 데이터시트(HTML) 39 Page - Omron Electronics LLC |
|
39 / 54 page ![]() FH-Series 39 Processing Items Group Icon Processing Item Corresponding Page in the Catalog Measurement Search Used to identify the shapes and calculate the position of measurement objects. Flexible Search Recognizing the shapes of workpieces with variation and detecting their positions. Sensitive Search Search a small difference by dividing the search model in detail, and calculating the correlation. ECM Search Used to search the similar part of model form input image. Detect the evaluation value and position. EC Circle Search Extract circles using "round " shape infor- mation and get position, radius and quan- tity in high preciseness. Shape Search II Used to search the similar part of model from input image regardless of environ- mental changes. Detect the evaluation value and position. Shape Search III Robust detection of positions is possible at high-speed and with high precision incor- porating environmental fluctuations, such as differences in individual shapes of the workpieces, pose fluctuations, noise su- perimposition and shielding. P12 EC Corner This processing item measures a corner position (corner) of a workpiece. Ec Cross The center position of a crosshair shape is measured using the lines created by the edge information on each side of the crosshair. Classification Used when various kinds of products on the assembly line need to be sorted and identified. Edge Position Measure position of measurement ob- jects according to the color change in measurement area. Edge Pitch Detect edges by color change in measure- ment area. Used for calculating number of pins of IC and connectors. Scan Edge Position Measure peak/bottom edge position of workpieces according to the color change in separated measurement area. P12 Scan Edge Width Measure max/min/average width of work- pieces according to the color change in separated measurement area. Circular Scan Edge Position Measure center axis, diameter and radius of circular workpieces. P12 Circular Scan Edge Width Measure center axis, width and thickness of ring workpieces. Intersection Calculate approximate lines from the edge information on two sides of a square work- piece to measure the angle formed at the intersection of the two lines. Color Data Used for detecting presence and mixed varieties of products by using color aver- age and deviation. Gravity and Area Used to measure area, center of gravity of workpices by extracting the color to be measured. Labeling Used to measure number, area and gravi- ty of workpieces by extracting registered color. Label Data Selecting one region of extracted Label- ing, and get that measurement. Area and Gravity position can be got and judged. Defect Used for appearance measurement of plain-color measurement objects such as defects, stains and burrs. Precise Defect Check the defect on the object. Parame- ters for extraction defect can be set pre- cisely. Fine Matching Difference can be detected by overlapping and comparing (matching) registered fine images with input images. Character Inspect Recognize character according correlation search with model image registered in [Model Dictionary]. P15 Date Verification Reading character string is verified with in- ternal date. Model Dictionary Register character pattern as dictionary. The pattern is used in [Character Inspec- tion]. 2DCode II *1 Recognize 2D code and display where the code quality is poor. P15 2DCode *2 Recognize 2D code and display where the code quality is poor. Barcode *3 Recognize barcode, verify and output de- coded characters. OCR Recognize and read characters in images as character information. P15 OCR User Dictionary Register dictionary data to use for OCR. Circle Angle Used for calculating angle of inclination of circular measurement objects. Group Icon Processing Item Corresponding Page in the Catalog Measurement Glue Bead Inspection You can inspect coating of a specified col- or for gaps or runoffs along the coating path. AI FineMatching *4 Performs learning with “non-defective” prod- uct images and detects the difference be- tween the input image and the non-defective image. Allows for variations in non-defective products and detects only defects. P6 Input Image Camera Image Input FH To input images from cameras. And set up the conditions to input images from camer- as. (For FH Sensor Controllers only) Camera Image Input HDR Create high-dynamic range images by ac- quiring several images with different con- ditions. P10 Camera Image Input HDRLite HDR function for FZ-SQ @ Intelligent Com- pact Cameras. Photometric Stereo Image Input Capture images under different illumina- tion directions using a photometric stereo light. Camera Switch To switch the cameras used for measure- ment. Not input images from cameras again. Measurement Image Switching To switch the images used for measure- ment. Not input images from camera again. Multi-trigger Imaging The Multi-trigger Imaging processing item captures multiple images at user-defined timings and executes parallel measure- ment for each image. Insert the Multi-trig- ger Imaging to the top of the flow. P10 Multi-trigger Imaging Task The Multi-trigger Imaging processing item captures multiple images at user-defined timings and executes parallel measure- ment for each image. Insert this process- ing item to the top of the processing which requires imaging for multiple times. Compensate image Position Compensation Used when positions are differed. Correct measurement is performed by correcting position of input images. Filtering Used for processing images input from cameras in order to make them easier to be measured. Background Suppression To enhance contrast of images by extract- ing color in specified brightness. Brightness Correct Filter Track brightness change of entire screen and remove gradual brightness change such as uneven brightness. Color Gray Filter Color image is converted into monochrome images to emphasize specific color. Extract Color Filter Convert color image to color extracted im- age or binary image. Anti Color Shading To remove the irregular color/pattern by uniformizing max.2 specified colors. Stripes Removal Filter II Remove the background pattern of vertical, horizontal and diagonal stripes. Polar Transformation Rectify the image by polar transformation. Useful for OCR or pattern inspection print- ed on circle. Trapezoidal Correction Rectify the trapezoidal deformed image. Machine Simulator How the alignment marks would move on the image when each stage or robot axis is controlled can be checked. Image Subtraction The registered model image and measurement image are compared and only the different pixels are extracted and converted to an image. Advanced filter Process the images acquired from camer- as in order to make them easier to mea- sure. This processing item consolidates existing image conversion filtering into one processing item and adds extra functions. Panorama Combine multiple image to create one big image. AI Scratch Detect Filter *5 Extracts defects in the set measurement area. P4 Support measurement Unit Macro Advanced arithmetic processing can be easily incorporated into workflow as Unit Macro processing items. Unit Calculation Macro This function is convenient when the user wants to calculate a value using an original calculation formula or change the set val- ue or system data of a processing item. Calculation Used when using the judge results and measured values of ProcItem which are registered in processing units. Line Regression Used for calculating regression line from plural measurement coodinate. Circle Regression Used for calculating regression circle from plural measurement coordinate. Precise Calibration Used for calibration corresponding to trape- zoidal distortion and lens distortion. |