전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

39SE21 데이터시트(PDF) 2 Page - Honeywell Solid State Electronics Center

부품명 39SE21
상세설명  MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

39SE21 데이터시트(HTML) 2 Page - Honeywell Solid State Electronics Center

  39SE21 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 39SE21 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 39SE21 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 39SE21 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 39SE21 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 39SE21 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 39SE21 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 39SE21 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 39SE21 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 sensing.honeywell.com
What makes our switches better?
SE Series is certified by UL and CSA. XE Series holds
approval from UL and within the family qualified to
MIL-PRF-8805
Built with high quality MICRO SWITCH™ switching
mechanism: SE Series features MICRO SWITCH™ SM
switches and XE Series is built with MICRO SWITCH™ SX
switches
Available with pin plungers or auxiliary levers to meet
equipment requirements
Designed for control of circuits ranging from logic level to
power duty
MICRO SWITCH™ SE and XE Series
Miniature Sealed Basic Switches
Honeywell SE and XE miniature sealed basic switches are designed for precise and reliable position indication of
critical applications on aircraft and military systems. The applications range from military and commercial aircraft and
helicopters to military land vehicles (track and wheeled vehicles). These switches are also suitable for other commer-
cial and industrial applications where a degree of environmental sealing is required.
The environmentally sealed SE Series is designed for demanding applications where water and/or particulate contam-
inant is present along with the potential for a wide range of temperatures. The SE Series incorporates the Honeywell
time-proven MICRO SWITCH™ SM Series electromechanical switches in the SE housing.
The environmentally sealed miniature XE Series is similar to the SE Series except smaller in package size, utilizing the
Honeywell MICRO SWITCH™ SX subminiature electromechanical switch. In addition, select Honeywell XE switches
are MIL-PRF-8805 qualified satisfying the requirements where a military qualified or compliant switch is required.
To add to the versatility of the SE and XE family of products, CSA and UL certified products are available where the
application is not aerospace or military related.
HIGH PERFORMANCE • DURABILITY
COMPACT • CUSTOMIZATION/CONFIGURABLE
Big performance
in a little package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14