전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LG-M670 데이터시트(PDF) 7 Page - ams-OSRAM AG

부품명 LG-M670
상세설명  Mini TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSOSRAM [ams-OSRAM AG]
홈페이지  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-M670 데이터시트(HTML) 7 Page - ams-OSRAM AG

Back Button LG-M670 Datasheet HTML 3Page - ams-OSRAM AG LG-M670 Datasheet HTML 4Page - ams-OSRAM AG LG-M670 Datasheet HTML 5Page - ams-OSRAM AG LG-M670 Datasheet HTML 6Page - ams-OSRAM AG LG-M670 Datasheet HTML 7Page - ams-OSRAM AG LG-M670 Datasheet HTML 8Page - ams-OSRAM AG LG-M670 Datasheet HTML 9Page - ams-OSRAM AG LG-M670 Datasheet HTML 10Page - ams-OSRAM AG LG-M670 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LG M670
7 Version 1.3 | 2019-07-15
Forward current 7), 8)
I
F = f(VF); TS = 25 °C
10 -1
V
pure-green
5
super-red
orange/yellow
green
OHL02145
IF
F
V
0
10
1
10
2
10
5
mA
1.01.4
1.82.2
2.63.0
3.4
Relative Luminous Intensity 7), 8)
I
v/Iv(10 mA) = f(IF); TS = 25 °C
green
OHL00993
1
10
100
5
5
-1
10
10
0
10
-2
5
1
10
2
10
mA
IV (10 mA)
IV
F
I
yellow
pure-green
super-red
orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com