전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B772 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 B772
상세설명  PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B772 데이터시트(HTML) 6 Page - STMicroelectronics

  B772 Datasheet HTML 1Page - STMicroelectronics B772 Datasheet HTML 2Page - STMicroelectronics B772 Datasheet HTML 3Page - STMicroelectronics B772 Datasheet HTML 4Page - STMicroelectronics B772 Datasheet HTML 5Page - STMicroelectronics B772 Datasheet HTML 6Page - STMicroelectronics B772 Datasheet HTML 7Page - STMicroelectronics B772 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3 Package mechanical data
2SB772
6/8
DIM.
mm.
MIN.
TYP
MAX.
A2.4
2.9
B
0.64
0.88
B1
0.39
0.63
D
10.5
11.05
E7.4
7.8
e
2.04
2.29
2.54
e1
4.07
4.58
5.08
L15.3
16
P2.9
3.2
Q3
.8
Q1
1
1.52
H2
2.15
I1
.2
7
SOT-32 (TO-126) mechanical data
0016114E



Html Pages

1 2 3 4 5 6 7 8