전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KAI-1010M 데이터시트(PDF) 37 Page - List of Unclassifed Manufacturers

부품명 KAI-1010M
상세설명  Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

KAI-1010M 데이터시트(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button KAI-1010M Datasheet HTML 29Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 30Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 31Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 32Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 33Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 34Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 35Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 36Page - List of Unclassifed Manufacturers KAI-1010M Datasheet HTML 37Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
IMAGE SENSOR SOLUTIONS
Revision Changes
No.
Date
Description of Revision
0
02/05/1993
•
Revision 0 is the original version of the document
1
04/26/1993
•
Revision 1 changes name from KAI-1001C to KAI-1001 series and includes data on all
series imagers
2
12/20/1995
•
Entire spec revised
3
04/27/1998
•
Entire spec revised
4
09/16/1998
•
Changed from KAI-1001 series to KAI-1010. Added cluster closeness specification, 4
good pixels between cluster defects.
5
4/23/1999
•
Changed defect and grades.
•
Added frame rate table and angle QE.
6
6/18/1999
•
Added Web and e-mail references to footers.
•
Added pixel 1,1 locator to figure 7, Pinout diagram.
•
Corrected missing reference to figure 16 in Electro-Optical for KAI-1010CM note 2.
•
Removed reference to KAI-1001 from both color and mono QE curves.
•
Removed boxes around vertical and horizontal labels on angle QE figure.
•
Removed boxes around labels on frame rate figure, added arrows from labels to curves.
•
Corrected figure 21 Vsat versus Vsub plot to properly position labels.
•
Added Web and e-mail references in section 4.3 ordering information.
•
Corrected repeat table 4 entry.
•
Corrected frame rate versus horizontal clock frequency figure. Data for dual mode was
incorrect.
7
10/13/1999
•
Changed figure 6 label from Device Drawing #6 Die Placement to Device Drawing – Die
Placement.
•
Added figure 16, Fast Dump Timing.
•
Added figure 17, Binning – 2 to 1 line binning.
•
Added figure 18, Sample Video Waveform at 5MHz.
•
In Appendix 1, Part Numbers, changed references from taped on glass to snap-on lid.
8
10/28/2002
•
Updated page layout.
•
Color version of part updated to use improved material. Naming of color part changed
from KAI-1010CM to KAI-1011CM.
•
Page 13 – Added cautions pertaining to ESD and glass cleaning.
•
Page 26 – Color PRNU value changed from 5 to 15. Units clarified to % Peak to Peak.
•
Page 28 – Monochrome PRNU value changed from 5 to 10. Units clarified to % Peak to
Peak.
•
Page 27 – Updated color quantum efficiency graph to new KAI-1011CM.
•
Page 35 – Updated quality Assurance and Reliability section.
•
Page 36 – Appendix 1 replaced with Available Part Configurations.
KAI-1010/1011 Rev 8 •
www.k odak.com/go/imagers 585-722- 4385 imagers@kodak.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com