전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SR176 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 SR176
상세설명  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 13Page - STMicroelectronics SR176 Datasheet HTML 14Page - STMicroelectronics SR176 Datasheet HTML 15Page - STMicroelectronics SR176 Datasheet HTML 16Page - STMicroelectronics SR176 Datasheet HTML 17Page - STMicroelectronics SR176 Datasheet HTML 18Page - STMicroelectronics SR176 Datasheet HTML 19Page - STMicroelectronics SR176 Datasheet HTML 20Page - STMicroelectronics SR176 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
SR176
Device operations (instructions)
17/35
Figure 21.
SELECT frame exchange between Reader and SR176
5.3
COMPLETION
Command Code = 0Fh
When the COMPLETION command is received, the SR176 is put in the DEACTIVED state,
and does not decode any new commands up to a Power-Off, and a new Power-On has
occurred. This allows a new SR176 to be activated by an INITIATE command, without
needing to remove the previous ones. The SR176 does not generate any response when it
executes a COMPLETION command (Figure 23).
Prior to any COMPLETION command, the SR176 must have been put in the SELECTED
mode by a SELECT command. A SR176 which was not selected does not interpret this
command.
Request parameters (Figure 22):
●
none
Figure 22.
COMPLETION request format
Figure 23.
COMPLETION frame exchange between Reader and SR176
AI09784
Reader
SR176
SOF
Chip_ID
CRCL CRCH EOF
SOF
0Eh
CRCL
CRCH EOF
Chip_ID
t0
t1
SOF
COMPLETION
CRCL
CRCH
EOF
AI07679B
0Fh
8 bits
8 bits
SOF
0Fh
CRCL
CRCH EOF
AI09785
Reader
SR176
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35