전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95020-RBN6TP 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 M95020-RBN6TP
상세설명  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-RBN6TP 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button M95020-RBN6TP Datasheet HTML 9Page - STMicroelectronics M95020-RBN6TP Datasheet HTML 10Page - STMicroelectronics M95020-RBN6TP Datasheet HTML 11Page - STMicroelectronics M95020-RBN6TP Datasheet HTML 12Page - STMicroelectronics M95020-RBN6TP Datasheet HTML 13Page - STMicroelectronics M95020-RBN6TP Datasheet HTML 14Page - STMicroelectronics M95020-RBN6TP Datasheet HTML 15Page - STMicroelectronics M95020-RBN6TP Datasheet HTML 16Page - STMicroelectronics M95020-RBN6TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13/37
M95040, M95020, M95010
Write Enable (WREN)
The Write Enable Latch (WEL) bit must be set pri-
or to each WRITE and WRSR instruction. The only
way to do this is to send a Write Enable instruction
to the device.
As shown in Figure 8., to send this instruction to
the device, Chip Select (S) is driven Low, and the
bits of the instruction byte are shifted in, on Serial
Data Input (D). The device then enters a wait
state. It waits for a the device to be deselected, by
Chip Select (S) being driven High.
Figure 8. Write Enable (WREN) Sequence
Write Disable (WRDI)
One way of resetting the Write Enable Latch
(WEL) bit is to send a Write Disable instruction to
the device.
As shown in Figure 9., to send this instruction to
the device, Chip Select (S) is driven Low, and the
bits of the instruction byte are shifted in, on Serial
Data Input (D).
The device then enters a wait state. It waits for a
the device to be deselected, by Chip Select (S) be-
ing driven High.
The Write Enable Latch (WEL) bit, in fact, be-
comes reset by any of the following events:
–Power-up
–
WRDI instruction execution
–
WRSR instruction completion
–
WRITE instruction completion
–
Write Protect (W) line being held Low.
Figure 9. Write Disable (WRDI) Sequence
C
D
AI01441D
S
Q
2
1
34567
High Impedance
0
Instruction
C
D
AI03790D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37