전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

902201SB 데이터시트(PDF) 2 Page - KNIPEX

부품명 902201SB
상세설명  KNIPEX TwistCut® Corrugated Pipe Cutter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KNIPEX [KNIPEX]
홈페이지  https://www.knipex.com/
Logo KNIPEX - KNIPEX

902201SB 데이터시트(HTML) 2 Page - KNIPEX

  902201SB Datasheet HTML 1Page - KNIPEX 902201SB Datasheet HTML 2Page - KNIPEX 902201SB Datasheet HTML 3Page - KNIPEX 902201SB Datasheet HTML 4Page - KNIPEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Convenient handling due to fastener with locking device and opening by means of internal spring
Also for protective pipes on aluminium composite pipes in plumbing, up to Ø 32 mm
Clean cutting edge with no damage to internal cables as the cut is always at the top of the corrugation
Easy handling: press the KNIPEX TwistCut® together, twist it with a little pressure, and you're done!
KNIPEX Werk - C. Gustav Putsch KG - 42337 Wuppertal
05.07.2021 | page 2 4



Html Pages

1 2 3 4