전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XAP536 데이터시트(PDF) 8 Page - Renesas Technology Corp

부품명 XAP536
상세설명  XA Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XAP536 데이터시트(HTML) 8 Page - Renesas Technology Corp

Back Button XAP536 Datasheet HTML 4Page - Renesas Technology Corp XAP536 Datasheet HTML 5Page - Renesas Technology Corp XAP536 Datasheet HTML 6Page - Renesas Technology Corp XAP536 Datasheet HTML 7Page - Renesas Technology Corp XAP536 Datasheet HTML 8Page - Renesas Technology Corp XAP536 Datasheet HTML 9Page - Renesas Technology Corp XAP536 Datasheet HTML 10Page - Renesas Technology Corp XAP536 Datasheet HTML 11Page - Renesas Technology Corp XAP536 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
©2023 Renesas Electronics Corporation
August 20, 2023
XA Datasheet
TJ
Total Jitter
LVDS.
—
23.6
—
ps
LVPECL.
—
27.7
—
LVCMOS.
FOUT = 125MHz.
—
19
—
fJITTER Phase Jitter (12kHz–20MHz)
LVDS.
—
890
—
fs
LVPECL.
—
860
—
LVCMOS.
FOUT = 125MHz.
—
750
—
Table 10. 2.5V AC Electrical Characteristics
VDD = 2.5V ±5%, TA = -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum Units
F
Output Frequency Range
LVDS.
0.75
—
1000
MHz
LVPECL.
0.75
—
1000
LVCMOS.
0.75
—
180
Frequency Stability
Temperature = -40°C to +85°C.
-25
-50
-100
—
+25
+50
+100
ppm
Temperature = -40°C to +105°C.
-50
-100
—
+50
+100
ppm
Output Load
LVDS.
Differential.
—
100
—
Ω
LVPECL.
VDD - 2.0V.
—
50
—
LVCMOS.
To GND.
—
15
—
pF
TST
Start-up Time
Output valid time after VDD meets minimum
specified level.
—
—
10
ms
tR
Output Rise Time
LVDS.
20% to 80% Vpp.
—
—
400
ps
LVPECL.
—
—
400
LVCMOS.
10% to 90% VDD.
—
—
3.5
ns
tF
Output Fall Time
LVDS.
80% to 20% Vpp.
—
—
400
ps
LVPECL.
—
—
400
LVCMOS.
90% to 10% VDD.
—
—
3
ns
ODC
Output Clock Duty Cycle
LVDS.
45
—
55
%
LVPECL.
45
—
55
LVCMOS.
45
—
55
TOE
Output Enable/ Disable Time
—
—
—
100
ns
Table 9. 3.3V AC Electrical Characteristics (Cont.)
VDD = 3.3V ±5%, TA = -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com