| 전자부품 데이터시트 검색엔진 |
|
SD1729 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SD1729 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 4 page ![]() TEST CIRCUIT C1 : 20 - 120pF C2 : 50 - 300pF C3, C4 : 3.9nF C5 : 100nF C6 : 2.2 µF C7 : 2 x 180pF in Parallel C8 : 3 x 56pF and 33pF in Parallel C9 : 4 x 56pF and 68pF in Parallel C10, C11 : 360pF L1 : 88nF L2 : 22 µH Choke Coil L3, L5 : 80nF L4 : Ferroxcube Choke Coil R1 : 0.55 Ω R2 : 27 Ω R3 : 4.7 Ω TYPICAL PERFORMANCE (cont’d) INTERMODULATION DISTORTION vs POWER OUTPUT SD1729 (TH416) 3/4 |