| 전자부품 데이터시트 검색엔진 |
|
DFR0649 데이터시트(PDF) 13 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0649 데이터시트(HTML) 13 Page - DFROBOT |
|
13 / 28 page ![]() screen.drawRoundRect(/*x0=*/x, /*y0=*/y, /*w=*/w, /*h=*/h, /*radius=*/20, /*color=*/color); x+=5; y+=5; w-=10; h-=10; color+=0x0100; delay(50); } for(i = 0 ; i <= 16; i+=2) { /* * @ brief Draw a filled and rounded rectangle * @ param x0 The x-coordinate of the start vertex * @ param y0 The y-coordinate of the start vertex * @ param w horizontal side length * @ param h longitudinal side length * @ param radius Round corner radius * @ param color Fill color, RGB color with 565 structure */ screen.fillRoundRect(/*x0=*/x, /*y0=*/y, /*w=*/w, /*h=*/h, /*radius=*/10, /*color=*/color); x+=5; y+=5; w-=10; h-=10; color+=0x0500; delay(50); } } /* Test to draw a circle */ void testCircles(uint8_t radius, uint16_t color) { screen.fillScreen(COLOR_RGB565_BLACK); for (int16_t x=radius; x <=screen.width()-radius; x+=radius*2) { for (int16_t y=radius; y <=screen.height()-radius; y+=radius*2) { /* * @ brief Draw a hollow circle * @ param x0 The x-coordinate of the center point * @ param y0 The y-coordinate of the center point * @ di |