| 전자부품 데이터시트 검색엔진 |
|
DFR0650 데이터시트(PDF) 11 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0650 데이터시트(HTML) 11 Page - DFROBOT |
|
11 / 25 page ![]() 2023/10/12 10:58 DFRobot Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650 https://wiki.dfrobot.com/Monochrome_0.96_128x64_IIC_SPI_OLED_Display_SKU_DFR0650 11/25 */ U8G2_SSD1306_128X64_NONAME_F_HW_I2C u8g2(/* rotation=*/U8G2_R0, /* reset=*/ U8X8_PIN_NONE); // M0/ESP32/ESP8266/mega2560/Uno/Leona //U8G2_SSD1306_128X64_NONAME_1_4W_HW_SPI u8g2(/* rotation=*/U8G2_R0, /* cs=*/ 10, /* dc=*/ 9); void setup(void) { u8g2.begin(); //Initialize the function u8g2.setFontPosTop(); /*When you use drawStr to display strings, the default criteria is to display the lower-left * coordinates of the characters.The function can be understood as changing the coordinate position to the upper left * corner of the display string as the coordinate standard. } void draw(int a ) { switch(a) { case 0: u8g2.setFont(u8g2_font_bubble_tr); //Set the font set, which is“u8g2_font_bubble_tr” u8g2.drawStr(/* x=*/0,/* y=*/0, "DFR123"); //Start drawing strings at the coordinates of x-0, y-0 “DFR123” u8g2.setFont(u8g2_font_lucasarts_scumm_subtitle_o_tf); u8g2.drawStr(0, 25, "DFR123"); u8g2.setFont(u8g2_font_HelvetiPixelOutline_tr); u8g2.drawStr(0, 45, "DFR123"); break; case 1: u8g2.setFont(u8g2_font_tenstamps_mr); u8g2.drawStr(0,0, "DFR123"); u8g2.setFont(u8g2_font_jinxedwizards_tr); u8g2.drawStr(56, 16, "DFR123"); u8g2.setFont(u8g2_font_secretaryhand_tr); u8g2.drawStr(0, 32, "DFR123"); u8g2.setFont(u8g2_font_freedoomr10_mu); u8g2.drawStr(56, 48, "DFR123"); break; } } |