전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DFR0654 데이터시트(PDF) 39 Page - DFROBOT

부품명 DFR0654
상세설명  Compatible with DFRobot FireBeetle V2 Series
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DFROBOT [DFROBOT]
홈페이지  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654 데이터시트(HTML) 39 Page - DFROBOT

Back Button DFR0654 Datasheet HTML 35Page - DFROBOT DFR0654 Datasheet HTML 36Page - DFROBOT DFR0654 Datasheet HTML 37Page - DFROBOT DFR0654 Datasheet HTML 38Page - DFROBOT DFR0654 Datasheet HTML 39Page - DFROBOT DFR0654 Datasheet HTML 40Page - DFROBOT DFR0654 Datasheet HTML 41Page - DFROBOT DFR0654 Datasheet HTML 42Page - DFROBOT DFR0654 Datasheet HTML 43Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
2023/10/12 11:00
FireBeetle_Board_ESP32_E_SKU_DFR0654-DFRobot
https://wiki.dfrobot.com/FireBeetle_Board_ESP32_E_SKU_DFR0654
39/122
Preparation:
FireBeetle 2 ESP32-E (https://www.dfrobot.com/product-2195.html) (SKU: DFR0654) ×1
Function Description:
FireBeetle 2 ESP32-E provides the function of capacitive touch sensing with a total of 7 touch pins available, labeled as T0 to T6. The
corresponding pin numbers are shown in the table below:
Touch Sensor
Pin Number
T0
IO4/D12
T1
IO0/D5
T2
IO2/D9 (Connected to the on-board LED, and can't be used to test the touch sensing function)
T3
IO15/A4
T4
IO13/D7
T5
IO12/D13
T6
IO14/D6
PinMode setting is not required. The touchRead() returns a value within 0-255. The larger the touch intensity, the smaller the returned value.
To obtain the GPIO status of the touch sensor, just need to call the touchRead function, whose function prototype is: uint16_t
touchRead(uint8_t pin).
Sample Code:
Program function: Burn the routine, use the pin IO4/D12 as a touch button, and return the touch value through the serial monitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More