전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCR03EZPFX1102 데이터시트(PDF) 5 Page - Rohm

부품명 MCR03EZPFX1102
상세설명  AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

MCR03EZPFX1102 데이터시트(HTML) 5 Page - Rohm

  MCR03EZPFX1102 Datasheet HTML 1Page - Rohm MCR03EZPFX1102 Datasheet HTML 2Page - Rohm MCR03EZPFX1102 Datasheet HTML 3Page - Rohm MCR03EZPFX1102 Datasheet HTML 4Page - Rohm MCR03EZPFX1102 Datasheet HTML 5Page - Rohm MCR03EZPFX1102 Datasheet HTML 6Page - Rohm MCR03EZPFX1102 Datasheet HTML 7Page - Rohm MCR03EZPFX1102 Datasheet HTML 8Page - Rohm MCR03EZPFX1102 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
3 / 14
User’s Guide
BM2P134E-EVK-001
© 2021 ROHM Co., Ltd.
No. 63UG097E Rev.001
Feb.2021
Schematics
VIN = 90 Vac to 264 Vac, VOUT = 12 V, IOUT =1.0 A
Figure 3. BM2P134E-EVK-001 Circuit
BM2P134E-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com