전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC-273-D 데이터시트(PDF) 2 Page - Labfacility Ltd

부품명 FC-273-D
상세설명  Stainless Steel Compression Fittings – Metric (M Series) Thread
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LABFACILITY [Labfacility Ltd]
홈페이지  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

FC-273-D 데이터시트(HTML) 2 Page - Labfacility Ltd

  FC-273-D Datasheet HTML 1Page - Labfacility Ltd FC-273-D Datasheet HTML 2Page - Labfacility Ltd FC-273-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
FITTINGS - 7
Mar-24
Specifications
General Description
Male stainless steel compression type with nut & olive
Material
Stainless steel
Thread
M8, M16 & M20 - Metric (M Series) Thread
Probe Diameter
Suitable for both metric and imperial probe
Multi Pack - Ordering Information
Thread Type
Pitch
Suits Probe Ø
Pack Size
Manufacturers
Number
Farnell order
Number
M8
1mm
1.5mm
5
FC-251-D
XF-2908-FAR
Singles - Ordering Information
Thread Type
Pitch
Suits Probe Ø
Manufacturers
Number
Farnell order
Number
M8
1mm
1.0mm
FC-250-D
2918787
M8
1mm
1.5mm
FC-251-D
2918791
M8
1mm
2.0mm
FC-252-D
2918788
M8
1mm
3.0mm
FC-174-D
2918797
M8
1mm
4.0mm
FC-255-D
3584224
M8
1mm
4.5mm
FC-256-D
3584225
M8
1mm
1/8”
FC-254-D
3584223
M8
1mm
3/16”
FC-257-D
3584226
M16
1.5mm
3.0mm
FC-226-D
2770787
M16
1.5mm
4.5mm
FC-231-D
3584222
M16
1.5mm
6.0mm
FC-223-D
2918773
M16
1.5mm
8.0mm
FC-225-D
2918779
M20
1.5mm
1.5mm
FC-271-D
3584228
M20
1.5mm
3.0mm
FC-273-D
2918792
M20
1.5mm
4.5mm
FC-276-D
2918793
M20
1.5mm
6.0mm
FC-278-D
2918794
M20
1.5mm
8.0mm
FC-280-D
3584229



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com