전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1504SC 데이터시트(PDF) 1 Page - Marathon Special Products

부품명 1504SC
상세설명  TERMINAL BLOCK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARATHON [Marathon Special Products]
홈페이지  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

1504SC 데이터시트(HTML) 1 Page - Marathon Special Products

  1504SC Datasheet HTML 1Page - Marathon Special Products 1504SC Datasheet HTML 2Page - Marathon Special Products 1504SC Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Data Sheet
www.marathonsp.com
15XXSC
Replace XX with 02, 04, 06, 08 or 12 for number of poles
TERMINAL BLOCK
Wire Range
• #10 - #22 AWG Copper Solid
Electrical Ratings
• Amps
- 30 Amps (unprepared wire)
- 75 Amps (when wired with crimp type ring, spade or fork terminal)
• 600 Volts AC/DC (UL 1059 Class C, User Group - General Industrial)
• Short Circuit Current Rated for 10,000 Amps
• Factory & Field Wiring
Agency Compliance
• UL Recognized, UL 1059 Terminal Block Standard, File No. XCFR2.E62806
• CSA - certifed to C22.2 No. 158, File No. LR19766
• CE compliant to IEC 60947-7-1
• RoHS Complaint
Material Information
• Connector: Brass, nickel plated
• Insulator base:
- Phenolic
- Flammability rating of insulator base: UL 94 V-0
- Insulator base temperature rating: -40°C to 150°C (UL RTI)
• Terminal Screws: Plated Brass
• SC Pins: Plated Brass
• SC Bar: Plated Brass
• Marking Strips: Vinyl (White)
• Anchor screws: Steel, zinc plated


유사한 부품 번호 - 1504SC

제조업체부품명데이터시트상세설명
logo
Marathon Special Produc...
1504STD MARATHON-1504STD Datasheet
103Kb / 3P
1500 Series
11/07/07
More results

유사한 설명 - 1504SC

제조업체부품명데이터시트상세설명
logo
FCI connector
20020109 FCI-CONNECTOR-20020109 Datasheet
230Kb / 3P
TERMINAL BLOCK
logo
Adam Technologies, Inc.
EB49-XX-B ADAM-TECH-EB49-XX-B Datasheet
73Kb / 1P
TERMINAL BLOCK
EB50-A-XX-B ADAM-TECH-EB50-A-XX-B Datasheet
73Kb / 1P
TERMINAL BLOCK
EB59-1-XX-A ADAM-TECH-EB59-1-XX-A Datasheet
74Kb / 1P
TERMINAL BLOCK
EB110-XX-C ADAM-TECH-EB110-XX-C Datasheet
64Kb / 1P
TERMINAL BLOCK
EB111-XX-C ADAM-TECH-EB111-XX-C Datasheet
109Kb / 1P
TERMINAL BLOCK
EB115-XX-U ADAM-TECH-EB115-XX-U Datasheet
77Kb / 1P
TERMINAL BLOCK
EBYD-XX-J-GY ADAM-TECH-EBYD-XX-J-GY Datasheet
76Kb / 1P
TERMINAL BLOCK
TSF-XX ADAM-TECH-TSF-XX Datasheet
101Kb / 1P
TERMINAL BLOCK
logo
CUI INC
TBL004-508 CUI-TBL004-508 Datasheet
264Kb / 3P
TERMINAL BLOCK
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com