전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1457K1201EBK.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 1457K1201EBK..
상세설명  P urc has ed as s em bly inc ludes box , end pane ls , s ta in les s s teel #6 Taptight s c rews , s elf adhes ive rubber feet, gas k ets and O - Rings .
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1457K1201EBK.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  1457K1201EBK.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM TOP
END PANEL - VIEW FROM OUTSIDE
SECTION T-T
DETAIL U
C lear anodiz ed box w it h blac k pow der
p a in t ed end panels
B lac k pow der paint ed box and end
panels
C lear anodiz ed box w it h blac k pow der
p a in t ed end panels
B lac k pow der paint ed box and end
panels
S ee w ebs it e fo r a c c e s s o ries .
P u rc has ed as s e m b ly in c ludes box , end pan els , s t ainles s s t eel
#6 Tapt ight s c rew s , s e lf adhes ive rubb er feet , gas k e t s and O -
R ings .
B o x m ade from E x t ruded A lum inum 6063.
E nd panels m ade from Ty pe 380 D iec as t A lum in u m w it h a
blac k pow der paint finis h .
E M I/ R F I S H IEL D E D (I P 5 4 )
AC CE S S O R I E S
1457K 1201E
1457K 1201B K E
NO TE
1457K 1201
1457K 1201B K
W A TE R P R O O F 1457K 1201
P ART NUM BE RS
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
T
T
U
1457K1201
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
Fits 120mm (4.724") X 80mm (3.149") PCB
Note: Aluminum extrusion has a tolerance of -/+ .02"
76.00 mm
[2.992 in]
5.50 mm
[0.217 in]
38.61 mm
[1.520 in]
81.00 mm
[3.189 in]
2.50 mm
[0.098 in]
2.00 mm
[0.079 in]
1.50 mm
[0.059 in]
2.00 mm
[0.079 in]
130.00 mm
[5.118 in]
118.00 mm
[4.646 in]
87.00 mm
[3.425 in]
66.00 mm
[2.598 in]
122.00 -0.50
0.54
+
mm
4.803 -0.02
0.02
+
in
[]
Inside Face to Face Dimension
4.25 mm
[0.167 in]
n3.60 mm x 8.00 mm
v n7.00 mm x 2.50 mm 4X
n5.00 mm x 0.60 mm 4X
R5.49 mm
[0.216 in]
4X
34.64 mm
[1.364 in]
43.35 mm
[1.707 in]
47.11 mm
[1.855 in]
87.00 mm
[3.425 in]
76.02 mm
[2.993 in]
66.16 mm
[2.605 in]
47.11 mm
[1.855 in]
44.11 mm
[1.737 in]
.75mm (.030") Deep Recess For Labels/Keypads etc.
PROTECTION TO IP 65


유사한 부품 번호 - 1457K1201EBK..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1457K1201EBK HAMMOND-1457K1201EBK Datasheet
1Mb / 1P
Solid models of this enclosure available in STEP or IGES
1457K1201EBK HAMMOND-1457K1201EBK Datasheet
258Kb / 3P
EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
1/2/2019
1457K1201EBK HAMMOND-1457K1201EBK Datasheet
259Kb / 3P
EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
11/8/21, 1:44 AM
1457K1201EBK HAMMOND-1457K1201EBK Datasheet
261Kb / 3P
EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
12/9/21, 1:51 AM
More results

유사한 설명 - 1457K1201EBK..

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5Q0765RT FAIRCHILD-KA5Q0765RT Datasheet
85Kb / 10P
S P S
KA5H0265R FAIRCHILD-KA5H0265R Datasheet
54Kb / 5P
S P S
logo
Hammond Manufacturing L...
1457C801 HAMMOND-1457C801 Datasheet
915Kb / 1P
Purchased assembly includes box, end panels, stainless steel 6 Taptight screws, self adhesive rubber feet, gaskets and O-Rings
logo
List of Unclassifed Man...
240-PROPLUS ETC2-240-PROPLUS Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
logo
E-Tech Electronics LTD
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
P N P S I L I C O N T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
P N P S I L I C O N T R A N S I S T O R
GN809 ETL-GN809 Datasheet
378Kb / 4P
 P r o c e s s o r S u p e r v i s o r y
logo
Powerbox
PBBA-CM POWERBOX-PBBA-CM Datasheet
121Kb / 1P
C H A S S I S M O U N T
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com