전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5.05.511.481/2500 데이터시트(PDF) 4 Page - Xymox Technologies, Inc.

부품명 5.05.511.481/2500
상세설명  MICON 5 Short-travel Keyswitches and Accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAFI [Xymox Technologies, Inc.]
홈페이지  https://www.rafi-group.com/en/
Logo RAFI - Xymox Technologies, Inc.

5.05.511.481/2500 데이터시트(HTML) 4 Page - Xymox Technologies, Inc.

  5.05.511.481/2500 Datasheet HTML 1Page - Xymox Technologies, Inc. 5.05.511.481/2500 Datasheet HTML 2Page - Xymox Technologies, Inc. 5.05.511.481/2500 Datasheet HTML 3Page - Xymox Technologies, Inc. 5.05.511.481/2500 Datasheet HTML 4Page - Xymox Technologies, Inc. 5.05.511.481/2500 Datasheet HTML 5Page - Xymox Technologies, Inc. 5.05.511.481/2500 Datasheet HTML 6Page - Xymox Technologies, Inc. 5.05.511.481/2500 Datasheet HTML 7Page - Xymox Technologies, Inc. 5.05.511.481/2500 Datasheet HTML 8Page - Xymox Technologies, Inc. 5.05.511.481/2500 Datasheet HTML 9Page - Xymox Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
MICON 5 Short-travel Keyswitches
1.14.002.xxx/xxxx
Page 4 of 16
2013/02/21
SMT
Solder pad:
Blister reel:
Beginning of blister reel: 54 spaces
Dimensional drawing
Low version
Dimensional drawing
Standard version
Placement instructions
Nozzle
Special nozzle (Siemens Siplace order no. : 348514-02)
Placement by means of revolver head
Suggestion for stencil printing:
150μm stencil with 10% pad reduction
The two exterior tracks must be bridged on the printed circuit
board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com