전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FXC.16 데이터시트(PDF) 8 Page - Taoglas antenna solutions

부품명 FXC.16
상세설명  FXC.16 Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXC.16 데이터시트(HTML) 8 Page - Taoglas antenna solutions

Back Button FXC.16 Datasheet HTML 4Page - Taoglas antenna solutions FXC.16 Datasheet HTML 5Page - Taoglas antenna solutions FXC.16 Datasheet HTML 6Page - Taoglas antenna solutions FXC.16 Datasheet HTML 7Page - Taoglas antenna solutions FXC.16 Datasheet HTML 8Page - Taoglas antenna solutions FXC.16 Datasheet HTML 9Page - Taoglas antenna solutions FXC.16 Datasheet HTML 10Page - Taoglas antenna solutions FXC.16 Datasheet HTML 11Page - Taoglas antenna solutions FXC.16 Datasheet HTML 12Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
SPE-22-8-126-A
www.taoglas.com
3.3
Matching
The interrogation distances presented here were taken with the antenna connected directly to the
evaluation boards with the optimzed matching circuit. For the NXP PN553 chipset, it is sugguesd using
20ohm impendence of the NFC antenna. Just like below:
As with any matching network the exact circuit and values for an optimal network depend on the
combination of antenna, NFC circuit, any intervening transmission line and the environment presented
to the antenna. These factors are specific to the particular end product.
As a starting point, to achieve the read range results presented here, use the matching network detailed
in the schematic of the evaluation board for your particular NFC chip and keep the antenna free of any
obstruction. Once you can demonstrate successful reads you can then optimize performance as desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15