전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP300 데이터시트(PDF) 5 Page - PANDUIT CORP.

부품명 MP300
상세설명  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANDUIT [PANDUIT CORP.]
홈페이지  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP300 데이터시트(HTML) 5 Page - PANDUIT CORP.

  MP300 Datasheet HTML 1Page - PANDUIT CORP. MP300 Datasheet HTML 2Page - PANDUIT CORP. MP300 Datasheet HTML 3Page - PANDUIT CORP. MP300 Datasheet HTML 4Page - PANDUIT CORP. MP300 Datasheet HTML 5Page - PANDUIT CORP. MP300 Datasheet HTML 6Page - PANDUIT CORP. MP300 Datasheet HTML 7Page - PANDUIT CORP. MP300 Datasheet HTML 8Page - PANDUIT CORP. MP300 Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.panduit.com
5
Oil Rigs, Shipbuilding, Industrial
Selection Criteria: Ultra-aggressive adhesive, resistance to extreme
temperatures and tears
Product Recommendations:
• Super-Tack Continuous Tapes
• Raised Panel Labels
Cable Tray Identification
Description: The design requirements for this application are very similar to
cable and wire identification applications. In addition, the products are often
in remote locations.
Refineries, Chemical Plants,
Waste Water Treatment
Selection Criteria: Flexible material; wide variety of color-coding options;
resistance to chemical corrosion, ultra-violet light
Product Recommendations:
• Continuous Tapes (Vinyl)
• Stainless Steel Marker Plates and Tags
• Rigid Strap on Pipe Markers
Pipe Identification
Description: This application is critical for ensuring personnel and equipment
safety. During emergencies or plant turn-arounds, it becomes necessary to
isolate sections of pipelines to prevent hazardous or explosive materials from
becoming exposed.
Indoor – Terminal Blocks, Ratings Plates,
Relays, PLCs
Selection Criteria: Extreme temperatures, tear resistance,
ultra-aggressive adhesive
Product Recommendations:
• Super-Tack Continuous Tapes
• Super-Tack Component Labels
• Raised Panel Labels
• Heat Shrink Labels
Control Panel Identification
Description: Control systems are critical to almost all industrial segments,
and control panels are an essential component of these systems.
Increasingly, control panels are network-enabled and play a lead role
in maximizing network uptime. In order to reduce MTTR, the design
of the panel should enable quick fault finding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17