| 전자부품 데이터시트 검색엔진 |
|
FAP3WAQDSCZ 데이터시트(PDF) 7 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
FAP3WAQDSCZ 데이터시트(HTML) 7 Page - PANDUIT CORP. |
|
7 / 12 page ![]() TM www.panduit.com For service and technical support, call 1-800-PANDUIT. 7 Network Infrastructure for the Enterprise Fiber Connectors Part Number Description Std. Pkg. Qty. Std. Ctn. Qty. OptiCam™ Pre-Polished Connectors* FLCDMCXAQY LC 50/125μm OM3/OM4 multimode duplex connector, Aqua boot. 1 10 FLCSMCXAQY LC 50/125μm OM3/OM4 multimode simplex connector, Aqua boot. 1 10 FLCSSCBUY LC 9/125μm singlemode simplex fiber optic connector for 900μm. 1 10 FLCDSCBUY LC 9/125μm singlemode duplex fiber optic connector for 900μm. 1 10 FSCMCXAQ SC 50/125μm OM3/OM4 multimode simplex connector, Aqua boot. 1 10 FSCDMCXAQ SC 50/125μm OM3/OM4 multimode duplex connector, Aqua boot. 1 10 FSCSCBU SC 9/125μm singlemode simplex connector, Blue boot. 1 10 FLCSMCXAQY FSCSCBU Fiber Patch Cords and Pigtails Part Number Description Std. Pkg. Qty. Std. Ctn. Qty. FX23RSNSNSNM*** 2-fiber OM3 SC duplex to SC duplex patch cord, OFNR (riser) rated, 3mm jacketed cable, Std. IL. 1 10 F923RSNSNSNM*** 2-fiber OS2 SC duplex to SC duplex patch cord, OFNR (riser) rated, 3mm jacketed cable, Std. IL. 1 10 FZ2ERLNLNSNM*** 2-fiber OM4 LC duplex to LC duplex patch cord, OFNR (riser) rated, 1.6mm jacketed cable, Std. IL. 1 10 FX2ERLNLNSNM*** 2-fiber OM3 LC duplex to LC duplex patch cord, OFNR (riser) rated, 1.6mm jacketed cable, Std. IL. 1 10 F92ERLNLNSNM*** 2-fiber OS2 LC duplex to LC duplex patch cord, OFNR (riser) rated, 1.6mm jacketed cable, Std. IL. 1 10 FX1BN3NNNSNM*** 1-fiber OM3 SC to pigtail patch cord, 900μm buffered fiber, no jacket. 1 10 F91BN3NNNSNM*** 1-fiber OS2 SC to pigtail patch cord, 900μm buffered fiber, no jacket. 1 10 FX1BN1NNNSNM*** 1-fiber OM3 LC to pigtail patch cord, 900μm buffered fiber, no jacket. 1 10 F91BN1NNNSNM*** 1-fiber OS2 LC to pigtail patch cord, 900μm buffered fiber, no jacket. 1 10 *** = length in meters. 001 = 1 meter, 002 = 2 meters, 003 = 3 meters etc. Contact Panduit Customer Service for other lengths. Low Smoke Zero Halogen flame rating available upon request. FX23RSNSNSNM*** FX1BN1NNNSNM001 FX2ERLNLNSNM*** FX1BN3NNNSNM001 < Previous Page Table of Contents Next Page > |