전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT595D 데이터시트(PDF) 5 Page - Nexperia B.V. All rights reserved

부품명 74HCT595D
상세설명  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT595D 데이터시트(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HCT595D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT595D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT595D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT595D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT595D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT595D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT595D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT595D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT595D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
74HC_HCT595
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 8 — 25 February 2016
4 of 23
NXP Semiconductors
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 5.
Pin configuration SO16, SSOP16 and
TSSOP16
Fig 6.
Pin configuration for DHVQFN16
Table 2.
Pin description
Symbol
Pin
Description
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
15, 1, 2, 3, 4, 5, 6, 7
parallel data output
GND
8
ground (0 V)
Q7S
9
serial data output
MR
10
master reset (active LOW)
SHCP
11
shift register clock input
STCP
12
storage register clock input
OE
13
output enable input (active LOW)
DS
14
serial data input
Q0
15
parallel data output 0
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com