전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

704.963.6.. 데이터시트(PDF) 13 Page - EAO AG.

부품명 704.963.6..
상세설명  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EAO [EAO AG.]
홈페이지  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. 데이터시트(HTML) 13 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 9Page - EAO AG. 704.963.6.. Datasheet HTML 10Page - EAO AG. 704.963.6.. Datasheet HTML 11Page - EAO AG. 704.963.6.. Datasheet HTML 12Page - EAO AG. 704.963.6.. Datasheet HTML 13Page - EAO AG. 704.963.6.. Datasheet HTML 14Page - EAO AG. 704.963.6.. Datasheet HTML 15Page - EAO AG. 704.963.6.. Datasheet HTML 16Page - EAO AG. 704.963.6.. Datasheet HTML 17Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
04
Mounting instruction
11
07.2010
>
0
0
Rotary selector switch
Actuator
Step 1
Mounting of the actuator element:
1. Insert actuator from the front into the mounting
hole.
2. Push mounting flange onto the actuator from
the back and latch with bayonet.
3. Screw flange on with the two threaded pins.
4. Put lever into reference position (nine o'clock).
Rotary switch element
Step 2
Snap rotary switch onto the actuator:
1. First check switch number with circuit diagram.
2. Put switching position of the cam at nine o'clock.
3. Snap rotary switch element onto the mounting flange, pay
attention to position of the driver.
4. Check to see that the two snap-action legs have engaged.
5. Check the switching action in accordance with the switching
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More