전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X7R 데이터시트(PDF) 23 Page - EPCOS

부품명 X7R
상세설명  Multilayer ceramic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

X7R 데이터시트(HTML) 23 Page - EPCOS

Back Button X7R Datasheet HTML 16Page - EPCOS X7R Datasheet HTML 17Page - EPCOS X7R Datasheet HTML 18Page - EPCOS X7R Datasheet HTML 19Page - EPCOS X7R Datasheet HTML 20Page - EPCOS X7R Datasheet HTML 21Page - EPCOS X7R Datasheet HTML 22Page - EPCOS X7R Datasheet HTML 23Page - EPCOS X7R Datasheet HTML 24Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
10/06
Multilayer ceramic capacitors
Cautions and warnings
The following should be considered in the placement process
1. Ensure correct positioning of the ceramic capacitor on the solder pad.
2. Caution when using casting, injection-molded and molding compounds and cleaning agents,
as these may damage the capacitor.
3. Support the circuit board and reduce the placement forces.
4. A board should not be straightened (manually) if it has been distorted by soldering.
5. Separate panels with a peripheral saw, or better with a milling head (no dicing or breaking).
6. Caution in the subsequent placement of heavy or leaded components (e.g. transformers or
snap-in components): danger of bending and fracture.
7. When testing, transporting, packing or incorporating the board, avoid any deformation of the
board not to damage the components.
8. Avoid the use of excessive force when plugging a connector into a device soldered onto the
board.
9. Ceramic capacitors must be soldered only by the mode (reflow or wave soldering) permissible
for them (see the chapter “Soldering directions”).
10. When soldering the most gentle solder profile feasible should be selected (heating time, peak
temperature, cooling time) in order to avoid thermal stresses and damage.
11. Ensure the correct solder meniscus height and solder quantity.
12. Ensure correct dosing of the cement quantity.
13. Ceramic capacitors with an AgPd external termination are not suited for the lead-free solder
process: they were developed only for conductive adhesion technology.
This listing does not claim to be complete, but merely reflects the experience of EPCOS AG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24