전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1590WKF.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 1590WKF..
상세설명  Na tura l F in ish Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590WKF.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590WKF.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N a tu ra l Fi nish E n c lo sure
1590 K F
B la c k T e x ture d E n c losure
1590 K F B K
N a tu ra l Fi nish E n c lo sure
15 90W K F
B la c k T e x ture d E n c losure
15 90W K F B K
S ta in le ss S te e l C o v e r S c re w s (P kg 100)
[6 -32 x 1/2" W i th O -R in g ]
1590W M S 100
B la ck S ta in le ss S te e l C o ve r S c re w s (P kg 1 00)
[6 -32 x 1/2" W i th O -R in g ]
1590W M S 100B K
P la te d C o ve r S c re w s (P kg 100 )
[6 -32 x 1/2"]
1590M S 100
B la ck C o v e r S c re w s (P kg 100)
[6 -32 x 1/2"]
1590M S 100B K
ACCE S S O RIE S
R e c o m m e nde d T o r que : 7 5 oz f.in / 5 5 c N .m
S ta n d a rd C o v e r S c re w s
Liquid R e s is ta n t C o v e r S c r e ws
NO T E
P u rc has ed as s e m b ly in c ludes box , lid and 4 c o ve r s c rew s .
B o x and lid a re m ade from D iec as t A lum inum A llo y .
S ilic one G a s k e t s upplied w ith liquid re s is t an t enc lo s u re .
B o tt o m F lang e is W e lded.
P A RT NUM B E R S
1590K F En clo su re
1 5 9 0 K F Liq u id R e sista n t En c losure (S ilic on e G a sk e t)
1
1
2
2
A
A
B
B
A
A
B
B
1590KF
Dimensions:
mm
[inches]
Top View of Assembly
SECTION B-B
Side View of Assembly
Lid
Top View Looking Inside Box
SECTION A-A
End View of Assembly
Cover Screws
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
125.00
[4.921]
115.60
[4.551]
115.60
[4.551]
4.00
[.157]
2.35
[.093]
115.50
[4.547]
115.50
[4.547]
125.00
[4.921]
125.00
[4.921]
2.00
[.079]
6.00
[.236]
154.40
[6.079]
3.96
[.156]
9.58
[.377]
112.22
[4.418]
125.00
[4.921]
80.50
[3.169]
118.10
[4.650]
(Inner Box Width)
72.50
[2.854]
(Inner Wall Height)
118.10
[4.650]
(Inner Box Length)
73.50
[2.894]
(Inner Box Height)
2.20
[.087]
(Wall Thickness)
1.50
[.059]
142.70
[5.618]
120.60
[4.748]
120.60
[4.748]
108.60
[4.276]
108.60
[4.276]
100.70
[3.965]
(Center Distance)
6-32 UNC
10.00
(Threaded Holes)
Lid
Box
Lid
Lid
Flanged Box


유사한 부품 번호 - 1590WKF..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1590WKBK HAMMOND-1590WKBK Datasheet
183Kb / 1P
Na tura l F in ish Enclosure
1590WKK HAMMOND-1590WKK Datasheet
226Kb / 1P
Natural Finish Enclosure
1590WKKBK HAMMOND-1590WKKBK Datasheet
226Kb / 1P
Natural Finish Enclosure
1590WKKFL. HAMMOND-1590WKKFL. Datasheet
506Kb / 6P
Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
6/4/2018
1590WKKFLBK HAMMOND-1590WKKFLBK Datasheet
506Kb / 6P
Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
6/4/2018
More results

유사한 설명 - 1590WKF..

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TA03F ETC-TA03F Datasheet
35Kb / 1P
TO-220, MOLDED, 3LEAD, AUTO L/F
logo
Axiomtek Co., Ltd.
AX93300 AXIOMTEK-AX93300 Datasheet
107Kb / 1P
Suitable for NA-100
logo
E-Tech Electronics LTD
G177 ETL-G177 Datasheet
156Kb / 5P
S i n g l e O u t p u t H a l l E f f e c t L a t c h I C
logo
Texas Instruments
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
75-nA Battery Leakage
logo
PHOENIX CONTACT
2702226 PHOENIX-2702226 Datasheet
116Kb / 7P
LED enclosure light - PLD E 608 W 315/F
logo
SHIKUES Electronics
SD101AW SKTECHNOLGY-SD101AW Datasheet
515Kb / 2P
L w F RWARD V ltage DR.p
logo
PHOENIX CONTACT
1319564 PHOENIX-1319564 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 F
Nov 16, 2022
logo
Molex Electronics Ltd.
2149201225 MOLEX-2149201225 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG RD F-F L=450 Sn
2019/12/30
2149201211 MOLEX-2149201211 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG BK F-F L=75 Sn
2019/12/30
2149201214 MOLEX-2149201214 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG BK F-F L=300 Sn
2019/12/30
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com