전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1590NBK.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 1590NBK..
상세설명  Natural Finish Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590NBK.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590NBK.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DETAIL C
Top View - Interior Features
Na tura l Finish Enclosure
1590N
Black Te x tured Enclosure
1590NB K
Na tura l Finish Enclosure
1590W N
Black Te x tured Enclosure
1590W NB K
Sta inle ss Ste e l Cove r Scre w s (P kg 100)
[M 3.5 x 12m m , W ith O-Ring]
1550W M S 100
Bla ck S ta inle ss S te e l Cove r S cre w s (P kg 100)
[M 3.5 x 12m m , W ith O-Ring]
1550W M S 100B K
P la te d Cove r S cre w s (P kg 100)
[M 3.5 x 12m m ]
1550M S 100
Bla ck Cove r S cre w s (P kg 100)
[M 3.5 x 12m m ]
1550M S 100B K
ACCES S ORIES
Re comme nde d T orque : 75 ozf.in / 55 cN.m
Standard Cov e r Scre ws
Liquid Re sistant Cov e r Scre ws
NOTE
P urchased ass em bly includes box, lid and 4 cover screws .
B ox and lid are m ade from Diecast A lum inum A lloy .
S ilic one Gask et supplied with liquid res istant enclosure.
PAR T N U MB ER S
1590N Enclosure
1590N Liquid Re sista nt Enclosure (S ilicone Ga ske t)
1
1
2
2
A
A
B
B
A
A
B
B
C
1590N
Dimensions:
mm
[inches]
Top View of Assembly
SECTION A-A
End View of Assembly
Top View Looking Inside Box
SECTION B-B
Side View of Assembly
Lid
60.21
[2.371]
(Max PCB Width)
34.10
[1.343]
(Inner Wall Height)
35.20
[1.386]
(Inner Box Height)
115.91
[4.564]
(Max PCB Length)
113.11
[4.453]
(Length Between
Guides)
57.21
[2.252]
(Width Between
Guides)
1.50
[.059]
5.50
[.217]
65.50
[2.579]
121.00
[4.764]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
110.00
[4.331]
121.20
[4.772]
55.50
[2.185]
65.50
[2.579]
Lid
Box
40.00
[1.575]
49.00
[1.929]
M3.5x0.6
 4.00  .50
(Threaded Holes)
104.10
[4.098]
Lid
Cover Screw
Lid
Box
1.60
[.063]
4.00
[.158]
2.0
[.079]
(Slot Width)
2.50
[.098]
1.75
[.069]
(Wall Thickness)
87.18
[3.432]
32.00
[1.260]
57.70
[2.272]
1.60
[.063]
4.00
[.157]
113.20
[4.457]
1.50
[.059]
(Slot Depth)
3.0
[.118]
(Guide Width)


유사한 부품 번호 - 1590NBK..

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
1590NBK ETC2-1590NBK Datasheet
169Kb / 3P
P.C. Card Guide (1590 Series)
logo
Hammond Manufacturing L...
1590NBK HAMMOND-1590NBK Datasheet
191Kb / 2P
Diecast Aluminum Enclosures 1590-RIBBED Series With Internal Ribs
12/31/2018
1590NBK HAMMOND-1590NBK Datasheet
506Kb / 6P
Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
6/4/2018
1590NBK HAMMOND-1590NBK Datasheet
504Kb / 7P
Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
11/1/2017
1590NBK HAMMOND-1590NBK Datasheet
347Kb / 10P
Die-Cast Aluminum
More results

유사한 설명 - 1590NBK..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
DNMF100AC115 HAMMOND-DNMF100AC115 Datasheet
210Kb / 1P
Finish - Housing - Black Painted Aluminum
DNMF100AC230 HAMMOND-DNMF100AC230 Datasheet
210Kb / 1P
Finish - Housing - Black Painted Aluminum
logo
Micro Commercial Compon...
MBR10U45L MCC-MBR10U45L Datasheet
748Kb / 3P
Lead Free Finish/RoHS Compliant
logo
CUI INC
HSS-B20-05 CUI-HSS-B20-05 Datasheet
279Kb / 3P
black anodized finish
HSS-B20-0503H CUI-HSS-B20-0503H Datasheet
329Kb / 3P
black anodized finish
HSS-B20-0508H-01 CUI-HSS-B20-0508H-01 Datasheet
353Kb / 3P
black anodized finish
HSS-B20-NP-11 CUI-HSS-B20-NP-11 Datasheet
266Kb / 3P
black anodized finish
HSS-B20-NPX-02 CUI-HSS-B20-NPX-02 Datasheet
283Kb / 3P
black anodized finish
logo
SparkFun Electronics
COM-11147 SPARKFUN-COM-11147 Datasheet
88Kb / 1P
LED Holder - 5mm (Chrome Finish)
10/8/2015
COM-11148 SPARKFUN-COM-11148 Datasheet
89Kb / 1P
LED Holder - 10mm (Chrome Finish)
8/4/2016
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com