전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1590RF.. 데이터시트(PDF) 2 Page - Hammond Manufacturing Ltd.

부품명 1590RF..
상세설명  Diecast Aluminum Enclosures 1590-RIBBED Series With Internal Ribs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590RF.. 데이터시트(HTML) 2 Page - Hammond Manufacturing Ltd.

  1590RF.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1590RF.. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12/31/2018
Diecast Aluminum Enclosures (1590-RIBBED Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/diecast/1590-ribbed
2/2
Data subject to change without notice
No Mounting Flanges
w/ Flanged Lid
w/ Flanged Bottom Plate
Height Optional
Standard
Water-Tight
Standard
Water-Tight
Standard
Water-Tight
(Less
Replacement
Version
Version
Version
Version
Version
Version
Color
Length
Width
Lid)
Gasket Kit
1590MM
Natural
1.97
1.97
1.06
1590MMBK
Black
1.97
1.97
1.06
1590L
1590LF
Natural
3.96
1.98
0.83
1590LBK
Black
3.96
1.98
0.83
1590M
1590MF
Natural
4.48
2.49
1.06
1590MBK
Black
4.48
2.49
1.06
1590N
1590WN
1590NFL
1590WNFL
1590NF
1590WNF
Natural
4.75
2.61
1.42
1590NBK
1590WNBK
1590NFLBK
1590WNFLBK
1590NFBK
1590WNFBK
Black
4.75
2.61
1.42
1590PP
Natural
4.76
3.74
2.24
1590PPBK
Black
4.76
3.74
2.24
1590P
1590WP
1590PFL
1590WPFL
1590PF
1590WPF
Natural
6.01
3.24
1.81
1590PGASKET
1590PBK
1590WPBK
1590PFLBK
1590WPFLBK
1590WPFBK
Black
6.01
3.24
1.81
1590PGASKET
1590R
1590RF
Natural
7.55
4.38
2.24
1590RGASKET
1590RBK
Black
7.55
4.38
2.24
1590RGASKET
Replacement Hardware
Philips Head Machine Screws (100 or 50-packs)
Torx with Pin Tamper-Resistant Screws (50-packs)
Water
Water-Tight
Water
Water-Tight
Screwdriver
Size
Natural
Black
Tight
Black
Natural
Black
Tight
Black
Bit
1590L
1550MS100 1550MS100BK 1550WMS100 1550WMS100BK 1550MS50T 1550MS50TBK 1550WMS50T 1550WMS50TBK
SCDRIVET15-2
1590MM 1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK
SCDRIVET10-2
1590M
1550MS100 1550MS100BK 1550WMS100 1550WMS100BK 1550MS50T 1550MS50TBK 1550WMS50T 1550WMS50TBK
SCDRIVET15-2
1590N
1550MS100 1550MS100BK 1550WMS100 1550WMS100BK 1550MS50T 1550MS50TBK 1550WMS50T 1550WMS50TBK
SCDRIVET15-2
1590PP
1550MS100 1550MS100BK 1550WMS100 1550WMS100BK 1550MS50T 1550MS50TBK 1550WMS50T 1550WMS50TBK
SCDRIVET15-2
1590P
1550MS100 1550MS100BK 1550WMS100 1550WMS100BK 1550MS50T 1550MS50TBK 1550WMS50T 1550WMS50TBK
SCDRIVET15-2
1590R
1550MS100 1550MS100BK 1550WMS100 1550WMS100BK 1550MS50T 1550MS50TBK 1550WMS50T 1550WMS50TBK
SCDRIVET15-2
© 2018. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com