전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1590WB2. 데이터시트(PDF) 2 Page - Hammond Manufacturing Ltd.

부품명 1590WB2.
상세설명  Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590WB2. 데이터시트(HTML) 2 Page - Hammond Manufacturing Ltd.

  1590WB2. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1590WB2. Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1590WB2. Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1590WB2. Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1590WB2. Datasheet HTML 5Page - Hammond Manufacturing Ltd. 1590WB2. Datasheet HTML 6Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6/4/2018
Diecast Aluminum Enclosures (1590 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/diecast/1590
2/6
Replacement Hardware
Tamper-proof Hardware Upgrade (Torx w/
Pin)
Each kit includes two pre-formed silicone gaskets.
Gaskets include adhesive backing for easy installation.
Allows enclosure to be machined and/or painted first and
gasketed later.
Gasket is applied to the lid.
Designed to meet IP65 with properly installed gasket and lid
screws torqued to 25-30 cN.m (36-43 ozf.in).
Refer to part number table below for correct gasket.
1590BX2, 1590D, 1590DD, 1590DE, 1590E, 1590EE & 1590R1 require six (6). 1590F requires
eight (8). See drawings and/or photos for details.
See "Hardware" table below for compatibility.
Gaskets
NOTE: Gaskets are included with watertight 1590 enclosures. They can also be purchased as a
kit if you'd like to upgrade an IP54 enclosure to IP65.
Notes
Lid height is 0.16" (4 mm)
Sizes MM, L, M, N, PP, P and R have integral PC board ribs positioned vertically on the
inside wall. Sizes N1 and P1 do not have the ribs.
Don't forget to order our watertight screws (stainless steel with o-ring) when converting a
standard enclosure to a water-tight box.
Other 1590-Series Enclosures
Nine of our popular “stomp box” sizes are also available in a variety of colors. See
the 1590-STOMP series for details.
Three of our popular sizes are also available in diecast zinc (series 1590K4). The zinc
alloy is heavy weight, high impact, and easy to machine & plate.
Enclosures
No Mounting Flanges
w/ Flanged Lid
w/ Flanged Bottom Plate
Height Optional
Standard
Water-Tight
Standard
Water-Tight
Standard
Water-Tight
(Less
Replacement
Version
Version
Version
Version
Version
Version
Color
Length Width
Lid)
Gasket Kit
1590LLB
1590WLLB
1590LLBFL
1590WLLBFL
1590LLBF
1590WLLBF
Natural
1.97
1.97
0.83
1590LLBGASKET
1590LLBBK 1590WLLBBK 1590LLBFLBK 1590WLLBFLBK
1590LLBFBK 1590WLLBFBK
Black
1.97
1.97
0.83
1590LLBGASKET
1590MM
Natural
1.97
1.97
1.06
1590MMBK
Black
1.97
1.97
1.06
1590LB
1590WLB
1590LBFL
1590WLBFL
1590LBF
1590WLBF
Natural
1.99
1.99
1.06
1590LBGASKET
1590LBBK
1590WLBBK
1590LBFLBK
1590WLBFLBK
1590LBFBK
1590WLBFBK
Black
1.99
1.99
1.06
1590LBGASKET
1590H
1590WH
1590HF
1590WHF
Natural
2.07
1.50
1.06
1590HGASKET
1590HBK
1590WHBK
1590HFBK
1590WHFBK
Black
2.07
1.50
1.06
1590HGASKET
1590Y
1590WY
1590YFL
1590WYFL
1590YF
1590WYF
Natural
3.62
3.62
1.50
1590YGASKET



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com