전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1590WB2F. 데이터시트(PDF) 3 Page - Hammond Manufacturing Ltd.

부품명 1590WB2F.
상세설명  Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590WB2F. 데이터시트(HTML) 3 Page - Hammond Manufacturing Ltd.

  1590WB2F. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1590WB2F. Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1590WB2F. Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1590WB2F. Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1590WB2F. Datasheet HTML 5Page - Hammond Manufacturing Ltd. 1590WB2F. Datasheet HTML 6Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6/4/2018
Diecast Aluminum Enclosures (1590 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/diecast/1590
3/6
No Mounting Flanges
w/ Flanged Lid
w/ Flanged Bottom Plate
Height Optional
Standard
Water-Tight
Standard
Water-Tight
Standard
Water-Tight
(Less
Replacement
Version
Version
Version
Version
Version
Version
Color
Length Width
Lid)
Gasket Kit
1590YBK
1590WYBK
1590YFLBK
1590WYFLBK
1590YFBK
1590WYFBK
Black
3.62
3.62
1.50
1590YGASKET
1590A
1590WA
1590AFL
1590WAFL
1590AF
1590WAF
Natural
3.64
1.52
1.06
1590AGASKET
1590ABK
1590WABK
1590AFLBK
1590WAFLBK
1590AFBK
1590WAFBK
Black
3.64
1.52
1.06
1590AGASKET
1590G
1590WG
1590GFL
1590WGFL
1590GF
1590WGF
Natural
3.94
1.97
0.83
1590GGASKET
1590GBK
1590WGBK
1590GFLBK
1590WGFLBK
1590GFBK
1590WGFBK
Black
3.94
1.97
0.83
1590GGASKET
1590G2
1590WG2
1590G2FL
1590WG2FL
1590G2F
1590WG2F
Natural
3.94
1.97
1.06
1590GGASKET
1590G2BK
1590WG2BK
1590G2FLBK
1590WG2FLBK
1590G2FBK
1590WG2FBK
Black
3.94
1.97
1.06
1590GGASKET
1590G2CB
Cobalt Blue
3.94
1.97
1.06
1590GGASKET
1590G2GR
Green
3.94
1.97
1.06
1590GGASKET
1590G2LG
Light Gray
3.94
1.97
1.06
1590GGASKET
1590G2OR
Orange
3.94
1.97
1.06
1590GGASKET
1590G2PR
Purple
3.94
1.97
1.06
1590GGASKET
1590G2RD
Red
3.94
1.97
1.06
1590GGASKET
1590G2YL
Yellow
3.94
1.97
1.06
1590GGASKET
1590L
1590LF
Natural
3.96
1.98
0.83
1590LBK
Black
3.96
1.98
0.83
1590S
1590WS
1590SFL
1590WSFL
1590SF
1590WSF
Natural
4.35
3.21
1.57
1590SGASKET
1590SBK
1590WSBK
1590SFLBK
1590WSFLBK
1590SFBK
1590WSFBK
Black
4.35
3.21
1.57
1590SGASKET
1590B
1590WB
1590BFL
1590WBFL
1590BF
1590WBF
Natural
4.40
2.38
1.06
1590BGASKET
1590BBK
1590WBBK
1590BFLBK
1590WBFLBK
1590BFBK
1590WBFBK
Black
4.40
2.38
1.06
1590BGASKET
1590BCB
Cobalt Blue
4.40
2.38
1.06
1590BGASKET
1590BGR
Green
4.40
2.38
1.06
1590BGASKET
1590BLG
Light Gray
4.40
2.38
1.06
1590BGASKET
1590BOR
Orange
4.40
2.38
1.06
1590BGASKET
1590BPR
Purple
4.40
2.38
1.06
1590BGASKET
1590BRD
Red
4.40
2.38
1.06
1590BGASKET
1590BYL
Yellow
4.40
2.38
1.06
1590BGASKET
1590B2
1590WB2
1590B2FL
1590WB2FL
1590B2F
1590WB2F
Natural
4.40
2.38
1.32
1590BGASKET
1590B2BK
1590WB2BK
1590B2FLBK
1590WB2FLBK
1590B2FBK
1590WB2FBK
Black
4.40
2.38
1.32
1590BGASKET
1590B2CB
Cobalt Blue
4.40
2.38
1.32
1590BGASKET
1590B2GR
Green
4.40
2.38
1.32
1590BGASKET
1590B2LG
Light Gray
4.40
2.38
1.32
1590BGASKET
1590B2OR
Orange
4.40
2.38
1.32
1590BGASKET
1590B2PR
Purple
4.40
2.38
1.32
1590BGASKET
1590B2RD
Red
4.40
2.38
1.32
1590BGASKET
1590B2YL
Yellow
4.40
2.38
1.32
1590BGASKET
1590BS
1590WBS
1590BSFL
1590WBSFL
1590BSF
1590WBSF
Natural
4.40
2.38
1.50
1590BGASKET
1590BSBK
1590WBSBK
1590BSFLBK
1590WBSFLBK
1590BSFBK
1590WBSFBK
Black
4.40
2.38
1.50
1590BGASKET
1590BSCB
Cobalt Blue
4.40
2.38
1.50
1590BGASKET
1590BSGR
Green
4.40
2.38
1.50
1590BGASKET
1590BSLG
Light Gray
4.40
2.38
1.50
1590BGASKET
1590BSOR
Orange
4.40
2.38
1.50
1590BGASKET
1590BSPR
Purple
4.40
2.38
1.50
1590BGASKET
1590BSRD
Red
4.40
2.38
1.50
1590BGASKET
1590BSYL
Yellow
4.40
2.38
1.50
1590BGASKET
1590M
1590MF
Natural
4.48
2.49
1.06
1590MBK
Black
4.48
2.49
1.06
1590B3
1590WB3
1590B3FL
1590WB3FL
1590B3F
1590WB3F
Natural
4.57
3.03
1.32
1590B3GASKET
1590B3BK
1590WB3BK
1590B3FLBK
1590WB3FLBK
1590B3FBK
1590WB3FBK
Black
4.57
3.03
1.32
1590B3GASKET
1590B3CB
Cobalt Blue
4.57
3.03
1.32
1590B3GASKET
1590B3GR
Green
4.57
3.03
1.32
1590B3GASKET
1590B3LG
Light Gray
4.57
3.03
1.32
1590B3GASKET
1590B3OR
Orange
4.57
3.03
1.32
1590B3GASKET



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com