| 전자부품 데이터시트 검색엔진 |
|
LS8E 데이터시트(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
LS8E 데이터시트(HTML) 1 Page - PANDUIT CORP. |
|
1 / 12 page ![]() www.panduit.com PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers Key Features Benefits Label cut-to-length functionality Eliminates label waste and time associated with trimming labels Cassettes with automatic label recognition Fast-loading label cassette Contains both label material and ribbon to make changing labels easy Unique cutter design allows full or partial label cutting Flexibility to create individually cut labels or a strip of tear-apart labels for quicker installation USB interface Allows importing data, system upgrades, and printing labels from a wireless laptop or desktop computer Market specific labeling tools Simplify label creation for network components, panel building, and construction and maintenance Label cassettes contain an integrated memory device for automatic formatting, recall of last legend used, and number of labels remaining in the cassette Label Types Self-Laminating Labels Turn-Tell ® Labels Marker Plates Flag Labels Die-Cut Vinyl Cloth Labels Die-Cut Heat Shrink Labels Die-Cut Component Labels Die-Cut Nylon Cloth Labels QWERTY keypad Innovative design delivers faster text entry and label design for enhanced productivity Label Types Continuous Heat Shrink Labels Continuous Vinyl Cloth Labels Continuous Nylon Cloth Labels Continuous Terminal Block Labels Continuous Tapes Continuous Reflective Tapes Ultimate ID ® Network Labels Die-Cut Component Labels Product Bulletin The PanTher™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers produce high-quality, industrial labels on a wide variety of label materials for electrical and network applications such as wire/cable, components, safety, and facility identification. A partial cut feature provides the flexibility to create tear-apart labels for quicker installation. The printers use label cassettes that contain an integrated memory device for automatic formatting, recall of last legend used, and the number of labels remaining in the cassette. These fast-loading P1™ label cassettes include both label material and ribbon to make changing labels easy. Part of the complete line of identification solutions from Panduit, the PanTher™ LS8E and LS8EQ Printers are compact, rugged, and easy to use on-site to meet the demanding requirements of electrical and network users, while delivering productivity gains throughout the physical infrastructure. |
유사한 부품 번호 - LS8E |
|
유사한 설명 - LS8E |