전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G04GF 데이터시트(PDF) 6 Page - Nexperia B.V. All rights reserved

부품명 74LVC2G04GF
상세설명  Dual inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G04GF 데이터시트(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G04GF Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G04GF Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVC2G04
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 10 September 2014
6 of 17
NXP Semiconductors
74LVC2G04
Dual inverter
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
12. AC waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 8.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.0
3.5
8.0
1.0
9.5
ns
VCC = 2.3 V to 2.7 V
1.0
2.2
4.4
1.0
5.4
ns
VCC = 2.7 V
1.0
2.7
5.2
1.0
7.0
ns
VCC = 3.0 V to 3.6 V
0.5
2.7
4.1
0.5
5.5
ns
VCC = 4.5 V to 5.5 V
1.0
1.9
3.2
1.0
3.8
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-
13.5
-
-
-
pF
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
The input nA to output nY propagation delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com