| 전자부품 데이터시트 검색엔진 |
|
74LVC2G66DP 데이터시트(PDF) 20 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC2G66DP 데이터시트(HTML) 20 Page - Nexperia B.V. All rights reserved |
|
20 / 26 page ![]() 74LVC2G66 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 8 — 2 April 2013 20 of 26 NXP Semiconductors 74LVC2G66 Bilateral switch Fig 28. Package outline SOT833-1 (XSON8) terminal 1 index area REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA SOT833-1 - - - MO-252 - - - SOT833-1 07-11-14 07-12-07 DIMENSIONS (mm are the original dimensions) XSON8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm D E e1 e A1 b L L1 e1 e1 0 1 2 mm scale Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. UNIT mm 0.25 0.17 2.0 1.9 0.35 0.27 A1 max b E 1.05 0.95 D ee1 L 0.40 0.32 L1 0.5 0.6 A(1) max 0.5 0.04 1 8 2 7 3 6 4 5 8 × (2) 4 × (2) A |