전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1598FBK.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 1598FBK..
상세설명  ABS Plastic Instrument Enclosures 1598 Series ABS Clam Shell Body w/ End Panels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1598FBK.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  1598FBK.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1598FBK.. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11/7/21, 5:40 AM
ABS Plastic Instrument Enclosures (1598 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1598
1/2
Economy version has plastic
assembly screw posts.
Standard version has brass
inserts for easier assembly.
Shown here in light gray ABS
with black plastic end panels.
Shown here with tilt bail
accessory kit installed.
ABS Plastic Instrument Enclosures 1598 Series
ABS Clam Shell Body w/ End Panels
Features:
Desk top electronic instrument enclosure, ideally suited for mounting printed circuit
boards.
Designed to meet IP54.
Two sets of vertical 1.5 mm (0.062”) P.C. board guides are molded into case halves front
and rear.
Integral horizontal P.C. card mounts on Eurocard centers.
P.C. card standoffs molded into top & bottom half of enclosure - require #6 x 1/4” (6.4mm)
screws - part number 1598ATS100
Standard version
Stocked in matte textured black and grey.
Molded from flame retardant ABS plastic (material carries a UL flammability rating of 94V-
0).
Enclosure halves are secured with M3 x 0.5” x 10 mm (0.39”) Phillips machine screws
threaded into tapped integral brass bushings. Perfect for applications with repetitive
assembly and disassembly are required.
Front and rear panels are 1.6 mm (0.064”) brushed aluminum with protective paper on
one side.
Economy Version
Molded from general purpose ABS plastic (not flame retardant).
Enclosure halves are secured with self tapping screws threaded into plastic standoffs.
Not recommended for repeated assembly and disassembly.
Available with either brushed aluminum or black plastic end panels.
Other 1598 Series
If EMI/ RFI shielding is required, try series 1598R.
Photo Features:
Quality Products. Service Excellence.


유사한 부품 번호 - 1598FBK..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1598FBK HAMMOND-1598FBK Datasheet
211Kb / 2P
Quality Products. Service Excellence
1598FBK HAMMOND-1598FBK Datasheet
198Kb / 3P
Instrument Case - ABS (1598 Series)
More results

유사한 설명 - 1598FBK..

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
logo
ORION FANS
GRM40 ORIONFANS-GRM40 Datasheet
416Kb / 1P
Plastic - reinforced ABS
GRM60 ORIONFANS-GRM60 Datasheet
463Kb / 1P
Plastic - reinforced ABS
GRM80 ORIONFANS-GRM80 Datasheet
450Kb / 1P
Plastic - reinforced ABS
GRM92 ORIONFANS-GRM92 Datasheet
449Kb / 1P
Plastic - reinforced ABS
GRM120 ORIONFANS-GRM120 Datasheet
449Kb / 1P
Plastic - reinforced ABS
GRM172 ORIONFANS-GRM172 Datasheet
460Kb / 1P
Plastic - reinforced ABS
logo
Bud Industries, Inc.
PTR-28483 BUD-PTR-28483 Datasheet
135Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com