전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSV3642BK.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 ADSV3642BK..
상세설명  Adjustable Depth Shelf ADS Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

ADSV3642BK.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  ADSV3642BK.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12/29/2017
Adjustable Depth Shelf (ADS Series) - Hammond Mfg.
https://www.hammfg.com/dci/products/accessories/ads
1/1
Mounting Hardware
Data subject to change without notice
Adjustable Depth Shelf ADS Series
Features
Constructed of 14-Gauge Steel.
Telescoping design provides three (3) convenient usable depths.
Fits within a single EIA rack unit and telescopes to cover entire depth.
Available in both solid and vented.
Choose the vented option to allow for airflow and/or cable management tie points.
Ships fully assembled.
Optional ADSB support bar increases load capacity up to 550 lbs (250 kg).
Finished in a durable smooth black powder paint.
RoHS and REACH compliant.
Manufactured in North America.
Gallery
Accessories
Part No.
Part No.
Overall Dimensions
Adjustable Depth Range
Rack
Weight Load
Optional Heavy Duty
Solid
Vented
Height
Width
Min
Max
Units
Capacity
Support Bar
ADSU1825BK
ADSV1825BK
1.72
19.00
18.00
25.00
1U
350 lbs (158 kg)
ADSB
ADSU2536BK
ADSV2536BK
1.72
19.00
25.00
36.00
1U
350 lbs (158 kg)
ADSB
ADSU3642BK
ADSV3642BK
1.72
19.00
36.00
42.00
1U
275 lbs (125 kg)
ADSB
© 2017. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


유사한 부품 번호 - ADSV3642BK..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
ADSV3642BK HAMMOND-ADSV3642BK Datasheet
208Kb / 2P
Adjustable Depth Shelf ADS Series Up to 550 lbs (250 kg) Weight Capacity
9/3/22, 11:24 AM
More results

유사한 설명 - ADSV3642BK..

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
logo
STMicroelectronics
AN2146 STMICROELECTRONICS-AN2146 Datasheet
201Kb / 6P
STR71xF Embedded Flash Programming with ADS
01-May-2005
logo
Tripp Lite. All Rights ...
SRSHELF2PDP TRIPPLITE-SRSHELF2PDP Datasheet
489Kb / 2P
2U Cantilever Fixed Shelf (60 lb / 27 kg capacity; 21in. / 533.4 mm depth.)
SRSHELF4PKYBD TRIPPLITE-SRSHELF4PKYBD Datasheet
475Kb / 2P
SmartRack Keyboard Shelf (25 lb/11 kg capacity; 16in / 406 mm depth)
logo
Keysight Technologies
W2200BP KEYSIGHT-W2200BP Datasheet
492Kb / 2P
W2200 ADS Core
W2349EP KEYSIGHT-W2349EP Datasheet
357Kb / 5P
ADS Electro-Thermal Simulator
W2360EP KEYSIGHT-W2360EP Datasheet
4Mb / 9P
Advanced Design System (ADS)
W2366EP KEYSIGHT-W2366EP Datasheet
1Mb / 9P
Advanced Design System (ADS) Wireless Libraries
W2368EP KEYSIGHT-W2368EP Datasheet
146Kb / 2P
LTE Wireless Library for ADS
logo
Kendall Howard
1906-3-006-02 KENDALLHOWARD-1906-3-006-02 Datasheet
1Mb / 2P
4-POINT ADJUSTABLE SHELF
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com