전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1458D4B.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 1458D4B..
상세설명  Steel Instrument 1458 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1458D4B.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  1458D4B.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1458D4B.. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6/11/2018
Steel Instrument (1458 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/general-purpose/1458
1/2
Data subject to change without notice
Steel Instrument 1458 Series
Key Features
Heavy duty, 18 gauge steel - top & bottom case in satin black or gulf blue powder coat.
Available with either solid or vented tops and bottoms.
Easy to machine 0.064” thick aluminum front and rear panels (one satin black and one
contempra grey for each enclosure).
Symmetrical design so either end panel can be used as a front or rear panel.
6-32 Philips nickel plated screws and self-adhesive rubber feet included.
Replacement screws 1421J6 (Pkg. of 6, 6-32 Philips head screws).
Shown unassembled
Enclosures
Solid Top & Bottom
Vented Top & Bottom
Satin Black
Satin Blue
Satin Black
Satin Blue
Width
Depth
Height
1458A3
1458A3B
1458VA3
1458VA3B
4.00
4.00
3.00
1458B4
1458B4B
1458VB4
1458VB4B
6.00
4.00
4.00
1458C3
1458C3B
1458VC3
1458VC3B
6.00
6.00
3.00
1458C4
1458C4B
1458VC4
1458VC4B
6.00
6.00
4.00
1458D3
1458D3B
1458VD3
1458VD3B
8.00
8.00
3.00
1458D4
1458D4B
1458VD4
1458VD4B
8.00
8.00
4.00
1458D5
1458D5B
1458VD5
1458VD5B
8.00
8.00
5.00
1458E3
1458E3B
1458VE3
1458VE3B
8.00
10.00
3.00
1458E4
1458E4B
1458VE4
1458VE4B
8.00
10.00
4.00
1458E5
1458E5B
1458VE5
1458VE5B
8.00
10.00
5.00
1458G3
1458G3B
1458VG3
1458VG3B
10.00
8.00
3.00
1458G4
1458G4B
1458VG4
1458VG4B
10.00
8.00
4.00
1458G5
1458G5B
1458VG5
1458VG5B
10.00
8.00
5.00
© 2018. Hammond Manufacturing Ltd. All rights reserved.
Quality Products. Service Excellence.


유사한 부품 번호 - 1458D4B..

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
1458 APITECH-1458 Datasheet
418Kb / 1P
Medium Power, 3.5mm Connectors
logo
Abbatron All Rights Res...
1458 ABBATRON-1458 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
API Technologies Corp
1458-1 APITECH-1458-1 Datasheet
418Kb / 1P
Medium Power, 3.5mm Connectors
1458-2 APITECH-1458-2 Datasheet
418Kb / 1P
Medium Power, 3.5mm Connectors
logo
PHOENIX CONTACT
1458004 PHOENIX-1458004 Datasheet
102Kb / 4P
Double valve connector cable - SAC- 5,0/0,1-116/2XA-1L-Z
More results

유사한 설명 - 1458D4B..

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP3220 TOSHIBA-TLP3220 Datasheet
286Kb / 7P
Measurement Instrument
TLP200D TOSHIBA-TLP200D_07 Datasheet
164Kb / 6P
Measurement Instrument
01-Oct-2007
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
Measurement Instrument
01-Oct-2007
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
Measurement Instrument
01-Oct-2007
logo
M/A-COM Technology Solu...
SCW1331U-120FCR MA-COM-SCW1331U-120FCR Datasheet
234Kb / 2P
Instrument Laser Modules
logo
List of Unclassifed Man...
5400E ETC2-5400E Datasheet
332Kb / 2P
Instrument Knobs
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
Measuring instrument
logo
Testo SE & Co. KGaA
TESTO460 TESTO-TESTO460 Datasheet
287Kb / 2P
rpm measuring instrument
logo
TEKTRONIX, INC.
BERTSCOPE TEKTRONIX-BERTSCOPE Datasheet
1Mb / 14P
Clock Recovery Instrument
logo
CamdenBoss Ltd.
CDE2110 CAMDENBOSS-CDE2110 Datasheet
959Kb / 1P
21 series IP67 desktop instrument
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com