전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EJ14126SS.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 EJ14126SS..
상세설명  Type 4X Stainless Steel Junction Box Eclipse Junior Series Continuous Hinge Door with Quarter Turn
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

EJ14126SS.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  EJ14126SS.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. EJ14126SS.. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/5/2021
Type 4X Stainless Steel Junction Box (Eclipse Junior Series) - Hammond Mfg.
https://www.hammfg.com/electrical/products/stainless/ejss
1/2
Additional Inner Panels
Swing Panel Kit
Terminal Kit Assemblies
Padlock Adaptor
Quarter Turn Assemblies
Climate Control
General Accessories
Type 4X Stainless Steel Junction Box Eclipse Junior Series
Continuous Hinge Door with Quarter Turn
Application
Designed for use as instrument enclosures, electric, hydraulic or pneumatic control
housings, electrical junction boxes or terminal wiring enclosures.
Provides protection where equipment may be hosed down or otherwise be very wet, or in
specific applications where corrosion may be a problem.
For high temperature applications, a gasket retainer may be required, please refer to
factory.
Standards
UL 508A Type 3R, 4, 4X, 12, and 13
CSA Type 3R, 4, 4X, 12, and 13
Complies with
NEMA Type 3R, 4, 4X, 12 and 13
IEC 60529, IP66
Construction
Body and cover are formed from 16 guage 304 or 316 stainless steel.
Smooth, continuously welded seams without knockouts, cutouts, or holes.
Formed lip on enclosure to exclude flowing liquids and contaminants.
14 gauge welded brackets provide for enclosure mounting.
Continuously hinged cover has stainless steel hinges and provides 180° opening.
Door latches feature the added safety of quarter turn slot requiring use of tool for opening
Quarter turn latches formed from 316 stainless steel.
Seamless poured-in place gasket.
Models larger than 4"x4" include a removable 14 gauge galvanized inner panel.
Tapped studs are provided for mounting inner panels.
A bonding stud is provided on the door and a grounding stud is provided on the
enclosure.
Grounding and panel mounting hardware provided.
Finish
Cover and enclosure are natural stainless steel with a smooth brushed finish.
Removable inner panel is unpainted galvanized steel.
Accessories
Quality Products. Service Excellence.


유사한 부품 번호 - EJ14126SS..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
EJ14126SS HAMMOND-EJ14126SS Datasheet
144Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
EJ14126SS HAMMOND-EJ14126SS Datasheet
160Kb / 3P
Boite de jonction en acier inoxydable de type 4X
EJ14126SS HAMMOND-EJ14126SS Datasheet
219Kb / 2P
Continuous Hinge Door with Quarter Turn
More results

유사한 설명 - EJ14126SS..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1418N4SSB6 HAMMOND-1418N4SSB6 Datasheet
221Kb / 3P
Type 4X Stainless Steel Wallmount Enclosure 1418 N4
1420B7 HAMMOND-1420B7 Datasheet
147Kb / 3P
Type 1 Mild Steel Wallmount Enclosure 1420 Series Hinge Door With Quarter Turn and W Mounting Flange
logo
List of Unclassifed Man...
A24H2408SSLP ETC2-A24H2408SSLP Datasheet
380Kb / 4P
Continuous Hinge with Clamps, Type 4X
A10086CHNF ETC2-A10086CHNF Datasheet
603Kb / 2P
Continuous Hinge with Clamps, Type 4
logo
Hammond Manufacturing L...
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
EJ-SERIES HAMMOND-EJ-SERIES Datasheet
246Kb / 2P
Continuous Hinge Door with Quarter Turn
EJSS HAMMOND-EJSS_V01 Datasheet
219Kb / 2P
Continuous Hinge Door with Quarter Turn
EN4SDSS HAMMOND-EN4SDSS_V01 Datasheet
465Kb / 3P
Hinge Door with Quarter Turn/Handle
EN4SDWSS HAMMOND-EN4SDWSS_V01 Datasheet
201Kb / 2P
Hinge Door with Quarter Turn
EN4SD HAMMOND-EN4SD_V01 Datasheet
768Kb / 4P
Hinge Door with Quarter Turn/Handle
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com