| 전자부품 데이터시트 검색엔진 |
|
658L2I2 데이터시트(PDF) 4 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
658L2I2 데이터시트(HTML) 4 Page - CTS Corporation |
|
4 / 5 page ![]() Document No. 008-0316-0 Page 4 - 5 Rev. A ٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠ Model 658 7x5mm Low Cost LVCMOS, LVPECL or LVDS Clock MECHANICAL SPECIFICATIONS PACKAGE DRAWING MARKING INFORMATION 1 (1.27) 0.050 PIN 1 IDENTIFIER 6 4 3 Inch (mm) Key: (3.73) 0.147 (1.4) 0.197 ±0.008 (5.0 ±0.2) 0.079 0.276 ±0.008 0.055 0.200 (5.08) (7.0 ±0.2) MAX (2.0) 2 5 (2.54) 0.100 SUGGESTED SOLDER PAD GEOMETRY SUGGESTED REFLOW PROFILE .165 [4.20] .071 [1.80] Key: [mm] Inch 13 4 6 C BYPASS 2 5 .200 [5.08] .100 [2.54] .079 [2.00] CBYPASS should be ≥ 0.01 uF. 1. ** - Manufacturing Site Code. 2. YYWW – Date code, YY – year, WW – week. 3. Truncated CTS part number. 4. XXXMXXXX - Frequency marked with 4 significant digits after the ‘M’. NOTES 1. Termination pads (e4), barrier-plating is nickel (Ni) with gold (Au) flash plate. 2. Reflow conditions per JEDEC J-STD-020. 0 100 200 300 0 30 60 90 120 150 180 210 240 270 300 Time (Seconds) Temp. (°C) Maximum 260°C, 10 seconds Typical 245°C 130°C CTS ** YYWW 658P3C3 ● XXXMXXXX |