| 전자부품 데이터시트 검색엔진 |
|
H075X034H2T 데이터시트(PDF) 35 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
H075X034H2T 데이터시트(HTML) 35 Page - PANDUIT CORP. |
|
35 / 36 page ![]() Contact Technical Support at 866.871.4571. 35 TDP43HE and TDP46HE Desktop Printers and Accessories • Convenient, easy setup; quickly begin producing labels • Durable, clear communication through superior legibility • Print small, fine characters and high-quality images and bar codes • Allow continuous use in construction, industrial, and harsh environments • Reduce time required to switch between label styles • Fast label production without sacrificing print quality • Easy-Mark Plus™ Labeling Software included with printer • Up to 8 inches per second print speed • Connect quickly and easily to PC, and offers connectivity flexibility to print by USB, parallel, Ethernet or serial • Available with 300 or 600 dots per inch print resolution • Able to connect to a network for sharing capability • UL60950 listed, File # E165747 Part Number Part Description Std Pkg. Qty TDP43HE 300 dpi printer; includes printer, Panduit® Easy-Mark Plus™ Labeling Software, RHEH4BL black hybrid ribbon, USB cable, user manual, quick start card, driver disk and US power cord; for use in North America. 1 TDP43HE/E 300 dpi printer; includes printer, Panduit® Easy-Mark Plus™ Labeling Software, RHEH4BL black hybrid ribbon, USB cable, user manual, quick start card, driver disk, and the following power cords: EuroPlug, Swiss, UK, and Japan JIS 8303 3-pin; for use outside North America. TDP46HE 600 dpi printer; includes printer, Panduit® Easy-Mark Plus™ Labeling Software, RHEH4BL black hybrid ribbon, USB cable, user manual, quick start card, driver disk, and US power cord; for use in North America. TDP46HE/E 600 dpi printer; includes printer, Panduit® Easy-Mark Plus™ Labeling Software, RHEH4BL black hybrid ribbon, USB cable, user manual, quick start card, driver disk, and the following power cords: Europlug, Swiss, UK, and Japan JIS 8303 3-pin; for use outside North America. PTR-CLN Printer cleaning kit – contains (1) cleaning pen, (8) cleaning solution soaked wipes, (8) foam swabs pre-saturated with cleaning solution, MSDS, and cleaning instructions. TDP43HE and TDP46HE Desktop Printer Ribbons Part Number Part Description Width Length Std. Pkg. Qty. In. mm Ft. m RHEH4BL Black hybrid thermal transfer ribbon. Use with heat shrink, self-laminating, Turn-Tell®, and vinyl cloth and tan polyimide labels. 4.33 110.0 1181.0 363.0 1 RHER4BL Black resin thermal transfer ribbon. Use with polyester labels, continuous vinyl tape, marker plates, and raised panel labels. RHER4WH White resin thermal transfer ribbon. Use with polyester labels, continuous vinyl tape, marker plates, and raised panel labels. 4.50 114.3 RHER4BL-A Black resin thermal transfer ribbon. Use with high-temperature marker plates. 4.33 110.0 RHER4BL-C Black resin thermal transfer ribbon. Use with fluid resistant heat shrink markers and white polyimide labels. RHER4BL-E Black resin thermal transfer ribbon. Used with standard marker plates and component labels for extra durability for harsh environments. 1345.0 410.0 Order number of ribbons required in multiples of Standard Package Quantity. |