전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

644 300 75 데이터시트(PDF) 3 Page - WERMA Signaltechnik GmbH + Co. KG

부품명 644 300 75
상세설명  Protection rating IP65
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WERMA [WERMA Signaltechnik GmbH + Co. KG]
홈페이지  https://www.werma.com/
Logo WERMA - WERMA Signaltechnik GmbH + Co. KG

644 300 75 데이터시트(HTML) 3 Page - WERMA Signaltechnik GmbH + Co. KG

  644 300 75 Datasheet HTML 1Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 2Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 3Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 4Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 5Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 6Page - WERMA Signaltechnik GmbH + Co. KG 644 300 75 Datasheet HTML 7Page - WERMA Signaltechnik GmbH + Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
31
www.werma.com
Audible element 645
Permanent light 641
LED permanent,
Blinking light
642
blinking or
Flashing light
643
rotating light 644
(max. 5 signal elements can be combined)
Improved
screwable
connection
Order no.
640 830 00
Terminal element
with CAGE CLAMP®
technology
Order no.
640 810 00
Terminal elements
for tube mounting
Tube ø 25 mm
Order no.
100 mm long
975 845 10
250 mm long
975 840 25
400 mm long
975 840 40
Order no.
600 mm long
975 840 60
800 mm long
975 840 80
1000 mm long
975 840 03
Contact box for cable exit
at side
Order no.
975 840 01
Contact box with magnetic
base and cable exit at side
Order no.
975 840 04
Bracket for base mounting
with concealed cable entry
Order no.
960 000 14
Bracket for
tube mounting
Order no.
960 000 01
Tube with clamp
Order no.
960 000 18
Base for tube
Order no.
975 840 90
Base for tube
Order no.
975 840 91
Base with
integrated tube
Order no.
975 840 10



Html Pages

1 2 3 4 5 6 7