| 전자부품 데이터시트 검색엔진 |
|
RCBS1900513BK1.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
RCBS1900513BK1.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd. |
|
1 / 2 page ![]() Shelves Outlet Strips Rack Panels 10-32 Mounting Screw and Clip Nut Combo-Pack Desktop Rack Cabinet RCBS Series 600 lbs Weight Capacity Features Constructed in 16-gauge steel. Two pairs of fixed 19" EIA-310-D compliant round hole punched rails. Includes rubber feet, two lifting handles, a starter pack of 10-32 clip nuts & matching quantity of 1421ABK black screws. Available in finished in textured black or Light Gray (RAL7035) powder paint. Tested to nearly double the suggested load rating of 600 lbs (272 kg). RoHS Compliant. Manufactured in North America. You may also like our SDC (Multi-Use) Cabinet. Accessories Part No. Part No. Overall Dimensions Rack Usable Mounting Dimensions Clip Nut Qty Black RAL 7035 Light Gray Height Width Depth Units Height Depth Included RCBS1900313BK1 RCBS1900313LG1 5.50 21.00 13.00 2U 3.50 12.38 8 RCBS1900513BK1 RCBS1900513LG1 7.25 21.00 13.00 3U 5.25 12.38 8 RCBS1900713BK1 RCBS1900713LG1 9.00 21.00 13.00 4U 7.00 12.38 8 RCBS1900813BK1 RCBS1900813LG1 10.75 21.00 13.00 5U 8.75 12.38 16 RCBS1901013BK1 RCBS1901013LG1 12.50 21.00 13.00 6U 10.50 12.38 16 RCBS1901213BK1 RCBS1901213LG1 14.25 21.00 13.00 7U 12.25 12.38 16 RCBS1901413BK1 RCBS1901413LG1 16.00 21.00 13.00 8U 14.00 12.38 16 RCBS1900317BK1 RCBS1900317LG1 5.50 21.00 17.50 2U 3.50 16.88 8 RCBS1900517BK1 RCBS1900517LG1 7.25 21.00 17.50 3U 5.25 16.88 8 RCBS1900717BK1 RCBS1900717LG1 9.00 21.00 17.50 4U 7.00 16.88 8 RCBS1900817BK1 RCBS1900817LG1 10.75 21.00 17.50 5U 8.75 16.88 16 RCBS1901017BK1 RCBS1901017LG1 12.50 21.00 17.50 6U 10.50 16.88 16 RCBS1901217BK1 RCBS1901217LG1 14.25 21.00 17.50 7U 12.25 16.88 16 RCBS1901417BK1 RCBS1901417LG1 16.00 21.00 17.50 8U 14.00 16.88 16 RCBS1900324BK1 RCBS1900324LG1 5.50 21.00 24.50 2U 3.50 23.88 8 RCBS1900524BK1 RCBS1900524LG1 7.25 21.00 24.50 3U 5.25 23.88 8 RCBS1900724BK1 RCBS1900724LG1 9.00 21.00 24.50 4U 7.00 23.88 8 RCBS1900824BK1 RCBS1900824LG1 10.75 21.00 24.50 5U 8.75 23.88 16 RCBS1901024BK1 RCBS1901024LG1 12.50 21.00 24.50 6U 10.50 23.88 16 Quality Products. Service Excellence. |
유사한 부품 번호 - RCBS1900513BK1.. |
|
유사한 설명 - RCBS1900513BK1.. |