전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RM2U1908SBK 데이터시트(PDF) 3 Page - Hammond Manufacturing Ltd.

부품명 RM2U1908SBK
상세설명  Rack-Mounted Instrument Enclosure RM Series Extruded Aluminum, 19" Rack-Mount or Desktop Use
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RM2U1908SBK 데이터시트(HTML) 3 Page - Hammond Manufacturing Ltd.

  RM2U1908SBK Datasheet HTML 1Page - Hammond Manufacturing Ltd. RM2U1908SBK Datasheet HTML 2Page - Hammond Manufacturing Ltd. RM2U1908SBK Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1/5/2021
Rack-Mounted Instrument Enclosure (RM Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/rack-mount/rm
3/3
Replacement Top/Bottom Body Panel (Sold Singly)
Solid
Vented
Panel Dimensions
Part No.
Part No.
Width
Depth
RM0804BKSP
RM0804BKVP
8.30
4.25
RM0808BKSP
RM0808BKVP
8.30
8.00
RM1908BKSP
RM1908BKVP
16.60
8.00
RM1913BKSP
RM1913BKVP
16.60
13.00
RM1918BKSP
RM1918BKVP
16.60
18.00
RM1922BKSP
RM1922BKVP
16.60
22.00
RM1928BKSP
RM1928BKVP
16.60
28.00
Replacement Side Panels
1U
2U
3U
4U
Depth
RM1U04BKSP
RM2U04BKSP
RM3U04BKSP
4.00
RM1U08BKSP
RM2U08BKSP
RM3U08BKSP
RM4U08BKSP
8.00
RM1U13BKSP
RM2U13BKSP
RM3U13BKSP
RM4U13BKSP
13.00
RM1U18BKSP
RM2U18BKSP
RM3U18BKSP
RM4U18BKSP
18.00
RM1U22BKSP
RM2U22BKSP
RM3U22BKSP
RM4U22BKSP
22.00
RM1U28BKSP
RM2U28BKSP
RM3U28BKSP
RM4U28BKSP
28.00
Data subject to change without notice
Tags: RMU, rack mount, rack-mount
© 2021. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com