전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC14AD 데이터시트(PDF) 17 Page - Nexperia B.V. All rights reserved

부품명 74LVC14AD
상세설명  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC14AD 데이터시트(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button 74LVC14AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC14AD Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Nexperia
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
Contents
1. General description......................................................1
2. Features and benefits.................................................. 1
3. Applications.................................................................. 1
4. Ordering information....................................................2
5. Functional diagram.......................................................2
6. Pinning information......................................................3
6.1. Pinning.........................................................................3
6.2. Pin description.............................................................3
7. Functional description................................................. 4
8. Limiting values............................................................. 4
9. Recommended operating conditions..........................4
10. Static characteristics..................................................5
11. Dynamic characteristics.............................................6
11.1. Waveforms and test circuit........................................ 6
12. Transfer characteristics............................................. 8
12.1. Waveforms transfer characteristics............................8
13. Application information............................................. 9
14. Package outline........................................................ 10
15. Abbreviations............................................................15
16. Revision history........................................................15
17. Legal information......................................................16
© Nexperia B.V. 2021. All rights reserved
For more information, please visit: http://www.nexperia.com
For sales office addresses, please send an email to: salesaddresses@nexperia.com
Date of release: 29 April 2021
74LVC14A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 29 April 2021
17 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com