전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC8T245BZX 데이터시트(PDF) 21 Page - Nexperia B.V. All rights reserved

부품명 74LVC8T245BZX
상세설명  8-bit dual supply translating transceiver; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC8T245BZX 데이터시트(HTML) 21 Page - Nexperia B.V. All rights reserved

Back Button 74LVC8T245BZX Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC8T245BZX Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC8T245BZX Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC8T245BZX Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74LVC8T245BZX Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74LVC8T245BZX Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74LVC8T245BZX Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74LVC8T245BZX Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74LVC8T245BZX Datasheet HTML 25Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Nexperia
74LVC8T245; 74LVCH8T245
8-bit dual supply translating transceiver; 3-state
12. Application information
12.1. Unidirectional logic level-shifting application
The circuit given in Fig. 15 is an example of the 74LVC8T245; 74LVCH8T245 being used in an
unidirectional logic level-shifting application.
001aak438
74LVC8T245
74LVCH8T245
VCC1
system-1
system-2
VCC1
VCC2
VCC2
VCC(A)
VCC(B)
GND
DIR
Bn
OE
An
Schematic given for one channel.
Fig. 15. Unidirectional logic level-shifting application
Table 15. Description unidirectional logic level-shifting application
Name
Function
Description
VCC(A)
VCC1
supply voltage of system-1 (1.2 V to 5.5 V)
GND
GND
device GND
A
OUT
output level depends on VCC1 voltage
B
IN
input threshold value depends on VCC2 voltage
DIR
DIR
the GND (LOW level) determines B port to A port direction
VCC(B)
VCC2
supply voltage of system-2 (1.2 V to 5.5 V)
OE
OE
The GND (LOW level) enables the output ports
12.2. Bidirectional logic level-shifting application
Fig. 16 shows the 74LVC8T245; 74LVCH8T245 being used in a bidirectional logic level-shifting
application.
001aak439
PULL-UP/DOWN
PULL-UP/DOWN
74LVC8T245
74LVCH8T245
VCC1
VCC1
VCC2
VCC2
I/O-2
I/O-1
DIR CTRL
system-2
system-1
VCC(A)
VCC(B)
GND
DIR
B
OE
A
OE
Schematic given for one channel.
Pull-up or pull-down only needed for 74LVC8T245.
Fig. 16. Bidirectional logic level-shifting application
74LVC_LVCH8T245
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 29 April 2021
21 / 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com