| 전자부품 데이터시트 검색엔진 |
|
28529 데이터시트(PDF) 5 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
28529 데이터시트(HTML) 5 Page - Wiha Tools |
|
5 / 20 page ![]() 5 Adjustable TorqueVario With Direct Reading Scale EN ISO 6789, BS EN 26789, ASME B107.14M. Ergonomic molded multi-component handle, light and compact. Handle sizes proportioned to optimize torque range. Audible and perceptible click when the torque setting has been attained, automatically resets for next torque cycle. Pkg. 1 285 Item Range No. Inch lbs. Increments mm 28501* 15 - 80(in/oz) 2.5 In.oz. 127 28502 5 - 10 .5 In.lbs. 127 28506 10 - 50 2 In.lbs. 138 Wiha Adjustable TorqueControl Tools Direct Reading Scale +/-6% accuracy tolerance Certificate of calibration Adjustable TorqueVario-S Handle - In Newton Meter Scale EN ISO 6789, BS EN 26789, ASME B107.14M. Ergo molded multi-component handle, light & compact. Handle sizes proportioned to optimize torque range. Audible & perceptible click when the torque setting has been attained, automatically resets for next torque cycle. Pkg. 1 285 Item Newton No. Meter Scale Increments mm 28550* 0.1 - 0.6Nm .05 Nm 127 28551 0.4 - 1.0Nm .05 Nm 127 28552 0.5 - 2.0Nm .10 Nm 131 28553 0.8 - 5.0Nm .20 Nm 138 28655 2.0 - 7.0Nm .25 Nm 142 TorqueFix, With Wiha-SoftFinish® Handle Fixed Torque value pre-set. Tested in accordance with EN ISO 6789, BS EN 26789, ASME B107.14M, tolerance +/- 6%. Audible & perceptible click when pre-set torque has been attained. Automatically resets for next torque cycle; 50% greater reverse torque. 285 Item Pre-Sets No. oz. lbs. Nm mm Inch 28503 80 5 0.56 112 4.4 28505 120 7.5 0.84 112 4.4 28507 160 10 1.12 119 4.7 28509 200 12.5 1.41 119 4.7 28511 240 15 1.69 119 4.7 28513 320 20 2.25 119 4.7 28515 400 25 2.82 126 4.9 28517 480 30 3.39 126 4.9 28518 560 35 3.95 126 4.9 28519 640 40 4.52 126 4.9 28521 800 50 5.65 132 5.2 28523 960 60 6.78 132 5.2 28525 1120 70 7.91 132 5.2 • TorqueFix factory preset torque • TorqueVario adjustable torque drivers molded cushion grip two component handles allow for maximum achievable torque to be reached with comfort. Precise repeatability! All TorqueFix & TorqueVario tools are tested and comply with: • EN ISO 6789 • BS EN 26789 • ASME B107.14M Wiha TorqueControl Screwdrivers Precise torque for service, assembly, tooling & repair Audible & perceptible click alerts user that torque level has been attained Loosening torque 50% greater than the tightening torque +/-6% accuracy tolerance Automatically resets for next torque setting cycle Cushion grips for maximum user comfort Whether it’s TorqueVario-S or TorqueFix - Wiha has a torque screwdriver to cover almost every application Adjustable ESD Safe Adjustable Insulated Adjustable Fixed Each tool has unique serial number and certificate of calibration · 28501 +/- 10% (This unit only)* * +/- 10% (This unit only) All TorqueVario models include Torque setting adjustment tool +/-6% accuracy tolerance Certificate of calibration Item Range No. Inch lbs. Increments mm 28404 5 - 18 1 In.lbs. 131 28408 18 - 62 2 In.lbs. 142 Item Range No. Inch lbs. Increments mm 28410* 15 - 80(in/oz) 2.5 In.oz. 127 28411 5 - 10 .5 In.lbs. 127 28412 10 - 50 2 In.lbs. 138 28413 5 - 18 .5 In.lbs. 131 28414 18 - 62 2 In.lbs. 142 Direct Reading Scale +/-6% accuracy tolerance Certificate of calibration +/-6% accuracy tolerance Certificate of calibration * 28501 +/- 10% (This unit only) 1/4” Bit Holder 4mm Bit Holder Item Range No. Inch lbs. Increments mm 28415* 0.1 - 0.6Nm .05 Nm 127 28416 0.4 - 1.0Nm .05 Nm 127 28417 0.5 - 2.0Nm .10 Nm 131 28418 0.8 - 5.0Nm .20 Nm 138 28419 2.0 - 7.0Nm .25 Nm 142 1/4” Bit Holder * +/- 10% (This unit only) +/-6% accuracy tolerance Certificate of calibration www.wihatools.com lbs. pkg. .16 1 .15 1 .28 1 .27 1 .27 1 .28 1 .37 1 .37 1 .37 1 .37 1 .52 1 .52 1 .52 1 lbs. .22 .41 .59 lbs. .35 .35 .45 .55 .70 lbs. .50 .74 |