전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSE782 데이터시트(PDF) 62 Page - OSRAM GmbH

부품명 DSE782
상세설명  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DSE782 데이터시트(HTML) 62 Page - OSRAM GmbH

Back Button DSE782 Datasheet HTML 58Page - OSRAM GmbH DSE782 Datasheet HTML 59Page - OSRAM GmbH DSE782 Datasheet HTML 60Page - OSRAM GmbH DSE782 Datasheet HTML 61Page - OSRAM GmbH DSE782 Datasheet HTML 62Page - OSRAM GmbH DSE782 Datasheet HTML 63Page - OSRAM GmbH DSE782 Datasheet HTML 64Page - OSRAM GmbH DSE782 Datasheet HTML 65Page - OSRAM GmbH DSE782 Datasheet HTML 66Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
61
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
5. Data for control gear manufacturers
5.3
Electrical data
for the filaments
Lamp
Test current
Warm resistance
Cold resistance
I
T
R
T at IT
R0 measured at the
pins
mA
ΩΩ2)
OSRAM DULUX® S+S/E 5 W
130
50±12.5
11.1
OSRAM DULUX® S+S/E 7 W
130
50±12.5
11.1
OSRAM DULUX® S+S/E 9 W
130
50±12.5
11.1
OSRAM DULUX® S+S/E 11 W
130
50±12.5
11.1
OSRAM DULUX® D+D/E 10 W
140
50±12.5
11.1
OSRAM DULUX® D+D/E 13 W
140
50±12.5
11.1
OSRAM DULUX® D+D/E 18 W
190
26±6.5
6.2
OSRAM DULUX® D+D/E 26 W
310
13±3.25
3.3
OSRAM DULUX® T+T/E 13 W
140
50±12.5
11.1
OSRAM DULUX® T+T/E 18 W 1)
190
26±6.5
6.2
OSRAM DULUX® T+T/E 26 W 1)
310
13±3.25
3.3
OSRAM DULUX® T/E 32 W 1)
310
13±3.25
3.3
OSRAM DULUX® T/E 42 W 1)
310
13±3.25
3.3
OSRAM DULUX® T/E 57 W IN
310
13±3.25
3.3
OSRAM DULUX® T/E 70 W IN
310
13±3.25
3.3
OSRAM DULUX® L 18 W
340
12±3.0
3.1
OSRAM DULUX® L 24 W
340
12±3.0
3.1
OSRAM DULUX® L 36 W
385
11±2.75
2.9
OSRAM DULUX® L 40 W
340
12±3.0
3.1
OSRAM DULUX® L 55 W
500
8±2.0
2.3
OSRAM DULUX® L 80 W
530
8±2.0
2.1
OSRAM DULUX® F 18 W
340
12±3.0
3.1
OSRAM DULUX® F 24 W
340
12±3.0
3.1
OSRAM DULUX® F 36 W
385
11±2.75
2.9
1)
Also for IN model
2)
Guide value
The electrode or filament is an extremely important component of a fluorescent lamp.
To operate the lamp at its optimum it is essential for the filament to be maintained
within a particular temperature range. To ensure that this is the case even if control
gear is operated with lamps from different manufacturers, the filament data are stan-
dardised.
The filament of a compact fluorescent lamp is defined such that the warm resistance
RT specified in the following table is in equilibrium when the specified test current
flows through the filament. The cold resistance is not standardised and is shown here
for the purposes of completeness only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com